データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7840 データシート(PDF) 2 Page - Analog Devices

部品番号 AD7840
部品情報  LC MOS Complete 14-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7840 データシート(HTML) 2 Page - Analog Devices

  AD7840_15 Datasheet HTML 1Page - Analog Devices AD7840_15 Datasheet HTML 2Page - Analog Devices AD7840_15 Datasheet HTML 3Page - Analog Devices AD7840_15 Datasheet HTML 4Page - Analog Devices AD7840_15 Datasheet HTML 5Page - Analog Devices AD7840_15 Datasheet HTML 6Page - Analog Devices AD7840_15 Datasheet HTML 7Page - Analog Devices AD7840_15 Datasheet HTML 8Page - Analog Devices AD7840_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
AD7840–SPECIFICATIONS
(VDD = +5 V
5%, VSS = –5 V
5%, AGND = DGND = O V, REF IN = +3 V, RL = 2 k ,
CL = 100 pF. All specifications TMIN to TMAX unless othewise noted.)
Parameter
J, A
1
K, B
1
S
1
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
2
Signal to Noise Ratio
3 (SNR)
76
78
76
dB min
VOUT = 1 kHz Sine Wave, fSAMPLE = 100 kHz
Typically 82 dB at +25
°C for 0 < V
OUT < 20 kHz
4
Total Harmonic Distortion (THD) –78
–80
–78
dB max
VOUT = 1 kHz Sine Wave, fSAMPLE = 100 kHz
Typically –84 dB at +25
°C for 0 < V
OUT < 20 kHz
4
Peak Harmonic or Spurious Noise
–78
–80
–78
dB max
VOUT = 1 kHz Sine Wave, fSAMPLE = 100 kHz
Typically –84 dB at +25
°C for 0 < V
OUT < 20 kHz
4
DC ACCURACY
Resolution
14
14
14
Bits
Integral Nonlinearity
±2
±1
±2
LSB max
Differential Nonlinearity
±0.9
±0.9
±0.9
LSB max
Guaranteed Monotonic
Bipolar Zero Error
±10
±10
±10
LSB max
Positive Full Scale Error
5
±10
±10
±10
LSB max
Negative Full Scale Error
5
±10
±10
±10
LSB max
REFERENCE OUTPUT
6
REF OUT @ +25
°C
2.99
2.99
2.99
V min
3.01
3.01
3.01
V max
REF OUT TC
±60
±60
±60
ppm/
°C max
Reference Load Change
(
∆REF OUT vs. ∆I)
–1
–1
–1
mV max
Reference Load Current Change (0–500
µA)
REFERENCE INPUT
Reference Input Range
2.85
2.85
2.85
V min
3 V
± 5%
3.15
3.15
3.15
V max
Input Current
50
50
50
µA max
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
0.8
V max
VDD = 5 V
± 5%
Input Current, IIN
±10
±10
±10
µA max
VIN = 0 V to VDD
Input Current (CS Input Only)
±10
±10
±10
µA max
VIN =VSS to VDD
Input Capacitance, CIN
7
10
10
10
pF max
ANALOG OUTPUT
Output Voltage Range
±3
±3
±3
V nom
DC Output Impedance
0.1
0.1
0.1
Ω typ
Short-Circuit Current
20
20
20
mA typ
AC CHARACTERISTICS7
Voltage Output Settling Time
Settling Time to within
±1/2 LSB of Final Value
Positive Full-Scale Change
4
4
4
µs max
Typically 2
µs
Negative Full-Scale Change
4
4
4
µs max
Typically 2.5
µs
Digital-to-Analog Glitch Impulse
10
10
10
nV secs typ
Digital Feedthrough
2
2
2
nV secs typ
POWER REQUIREMENTS
VDD
+5
+5
+5
V nom
±5% for Specified Performance
VSS
–5
–5
–5
V nom
±5% for Specified Performance
IDD
14
14
15
mA max
Output Unloaded, SCLK = +5 V. Typically 10 mA
ISS
6
6
7
mA max
Output Unloaded, SCLK = +5 V. Typically 4 mA
Power Dissipation
100
100
110
mW max
Typically 70 mW
NOTES
1Temperature ranges are as follows: J, K Versions, 0
°C to +70°C; A, B Versions, –25°C to +85°C; S Version, –55°C to +125°C.
2V
OUT (pk-pk) = ± 3 V
3SNR calculation includes distortion and noise components.
4Using external sample-and-hold (see Testing the AD7840).
5Measured with respect to REF IN and includes bipolar offset error.
6For capacitive loads greater than 50 pF, a series resistor is required (see Internal Reference section).
7Sample tested @ +25
°C to ensure compliance.
Specifications subject to change without notice.


同様の部品番号 - AD7840_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7840AQ AD-AD7840AQ Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7840ARS AD-AD7840ARS Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7840BQ AD-AD7840BQ Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7840JN AD-AD7840JN Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7840JP AD-AD7840JP Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
More results

同様の説明 - AD7840_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7845 AD-AD7845_15 Datasheet
196Kb / 12P
   LC MOS Complete 12-Bit Multiplying DAC
REV. B
AD7836 AD-AD7836_15 Datasheet
176Kb / 12P
   LC MOS Quad 14-Bit DAC
REV. A
AD7871 AD-AD7871_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872 AD-AD7872_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7534 AD-AD7534_15 Datasheet
492Kb / 12P
   LC MOS P Compatibe 14 Bit DAC
REV. A
AD7535 AD-AD7535_15 Datasheet
489Kb / 12P
   LC MOS P Compatible 14 Bit DAC
REV. A
AD7536 AD-AD7536_15 Datasheet
636Kb / 12P
   LC MOS 14 BIT P COMPATIBLE DAC
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244 AD-AD7244_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com