データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7849BRZ-REEL データシート(PDF) 7 Page - Analog Devices

部品番号 AD7849BRZ-REEL
部品情報  Serial Input, 14-Bit/16-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7849BRZ-REEL データシート(HTML) 7 Page - Analog Devices

Back Button AD7849BRZ-REEL Datasheet HTML 3Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 4Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 5Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 6Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 7Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 8Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 9Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 10Page - Analog Devices AD7849BRZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD7849
Rev. C | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VREF+
VDD
NC
VOUT
ROFS
VREF–
VSS
SYNC
RSTIN
RSTOUT
AGND
SCLK
VCC
SDOUT
DCEN
BIN/COMP
DGND
LDAC
SDIN
CLR
1
2
3
4
20
19
18
17
5
16
6
15
7
14
8
13
9
12
10
11
NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
AD7849
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VREF+
VREF+ Input. The DAC is specified for VREF+ of 5 V. The DAC is fully multiplying so that the VREF+ range is +5 V to –5 V.
2
VREF−
VREF− Input. The DAC is specified for VREF− of –5 V. The DAC is fully multiplying so that the VREF− range is –5 V to +5 V.
3
VSS
Negative supply for the analog circuitry. This is nominally –15 V.
4
SYNC
Data Synchronization Logic Input. When it goes low, the internal logic is initialized in readiness for a new data-word.
5
SCLK
Serial Clock Logic Input. Data is clocked into the input register on each SCLK falling edge.
6
VCC
Positive supply for the digital circuitry. This is nominally 5 V.
7
SDOUT
Serial Data Output. With DCEN at Logic 1, this output is enabled, and the serial data in the input shift register is
clocked out on each rising edge of SCLK.
8
DCEN
Daisy-Chain Enable Logic Input. Connect this pin high if a daisy-chain interface is being used; otherwise, this
pin must be connected low.
9
BIN/COMP
Logic Input. This input selects the data format to be either binary or twos complement. In the unipolar output
range, natural binary format is selected by connecting the input to Logic 0. In the bipolar output range, offset
binary is selected by connecting this input to Logic 0, and twos complement is selected by connecting it to a
Logic 1.
10
DGND
Digital Ground. Ground reference point for the on-chip digital circuitry.
11
LDAC
Load DAC Logic Input. This input updates the DAC output. The DAC output is updated on the falling edge of
this signal, or alternatively, if this input is permanently low, an automatic update mode is selected where the
DAC is updated on the 16th falling SCLK edge.
12
SDIN
Serial Data Input. The 16-bit serial data-word is applied to this input.
13
CLR
Clear Logic Input. Taking this input low sets VOUT to 0 V in both the unipolar output range and the bipolar twos
complement output range. It sets VOUT to VREF– in the offset binary bipolar output range.
14
RSTIN
Reset Logic Input. This input allows external access to the internal reset logic. Applying Logic 0 to this input,
resets the DAC output to 0 V. In normal operation, it should be tied to Logic 1.
15
RSTOUT
Reset Logic Output. This is the output from the on-chip voltage monitor used in the reset circuit. It can be used
to control other system components, if desired.
16
AGND
This is the analog ground for the device. It is the point to which the output gets shorted in reset mode.
17
VDD
Positive Supply for the Analog Circuitry. This is 15 V nominal.
18
NC
No Connect. Leave unconnected.
19
VOUT
DAC Output Voltage Pin.
20
ROFS
Input to Summing Resistor of DAC Output Amplifier. This is used to select the output voltage ranges. Also, see
Figure 20 to Figure 23 in the Applying the AD7849 section.


同様の部品番号 - AD7849BRZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7849BRZ-REEL AD-AD7849BRZ-REEL Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results

同様の説明 - AD7849BRZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com