データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4042BMS データシート(PDF) 8 Page - Intersil Corporation

部品番号 CD4042BMS
部品情報  CMOS Quad Clocked “D” Latch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4042BMS データシート(HTML) 8 Page - Intersil Corporation

  CD4042BMS Datasheet HTML 1Page - Intersil Corporation CD4042BMS Datasheet HTML 2Page - Intersil Corporation CD4042BMS Datasheet HTML 3Page - Intersil Corporation CD4042BMS Datasheet HTML 4Page - Intersil Corporation CD4042BMS Datasheet HTML 5Page - Intersil Corporation CD4042BMS Datasheet HTML 6Page - Intersil Corporation CD4042BMS Datasheet HTML 7Page - Intersil Corporation CD4042BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
7-875
CD4042BMS
FIGURE 7. TYPICAL PROPAGATION DELAY TIME vs LOAD
CAPACITANCE - CLOCK TO Q
FIGURE 8. TYPICAL PROPAGATION DELAY TIME vs LOAD
CAPACITANCE - CLOCK TO Q
FIGURE 9. TYPICAL POWER DISSIPATION vs FREQUENCY
FIGURE 10. TYPICAL TRANSITION TIME vs LOAD CAPACI-
TANCE
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25
oC
10V
SUPPLY VOLTAGE (VDD) = 5V
150
100
50
0
2040
6080
LOAD CAPACITANCE (CL) (pF)
15V
200
250
300
100
120
140
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 5V
150
100
50
0
2040
6080
LOAD CAPACITANCE (CL) (pF)
15V
200
250
300
100
120
140
10V
10V
5V
10V
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 15V
CL = 15pF
CL = 50pF
INPUT FREQUENCY (fI) (kHz)
103
104
105
106
107
105
103
10
1
106
102
104
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
FIGURE 11. DYNAMIC TEST PARAMETERS
tS
tH
tPHL, tPLH
D TO Q OR Q
tPHL, tPLH
CL TO Q OR Q
CLOCK
CL
DATA
INPUT
D
Q
OUTPUT
NOTES:
1. For positive clock edge, input data is
latched when polarity is low.
2. For negative clock edge, input data is
latched when polarity is high.
NOTE 1
NOTE 2
LATCH
LOW DATA
LATCH
HIGH DATA
LOW DATA
LATCHED
HIGH DATA
LATCHED
Chip Dimensions and Pad Layout
Dimensions in parentheses are in millimeters and are
derived from the basic inch dimensions as indicated
Grid graduations are in mils (10-3 inch).


同様の部品番号 - CD4042BMS

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD4042BM NSC-CD4042BM Datasheet
124Kb / 6P
   Quad Clocked D Latch
logo
Texas Instruments
CD4042BM TI-CD4042BM Datasheet
599Kb / 12P
[Old version datasheet]   CMOS Quad Clocked "D" Latch
CD4042BM TI1-CD4042BM Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Clocked D Latch
More results

同様の説明 - CD4042BMS

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4042B TI1-CD4042B_15 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Clocked D Latch
CD4042B TI-CD4042B Datasheet
599Kb / 12P
[Old version datasheet]   CMOS Quad Clocked "D" Latch
logo
STMicroelectronics
HCC4042B STMICROELECTRONICS-HCC4042B Datasheet
301Kb / 13P
   QUAD CLOCKED D LATCH
logo
National Semiconductor ...
CD4042BM NSC-CD4042BM Datasheet
124Kb / 6P
   Quad Clocked D Latch
logo
Integral Corp.
IW4042B INTEGRAL-IW4042B Datasheet
154Kb / 5P
   QUAD CLOCKED LATCH
logo
Intersil Corporation
CD4043BMS INTERSIL-CD4043BMS Datasheet
110Kb / 10P
   CMOS Quad Clocked ?쏡??Latch
December 1992
logo
STMicroelectronics
HCF4042B STMICROELECTRONICS-HCF4042B_01 Datasheet
265Kb / 9P
   QUAD CLOCKED D LATCH
logo
Motorola, Inc
MPG1668 MOTOROLA-MPG1668 Datasheet
637Kb / 11P
   Dual Clocked Latch
logo
KODENSHI_AUK CORP.
KK4042B KODENSHI-KK4042B Datasheet
297Kb / 6P
   Quad Clocked 짰짰Latch High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4042B IKSEMICON-IW4042B Datasheet
235Kb / 6P
   Quad Clocked 짰짰Latch High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com