データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7870A データシート(PDF) 9 Page - Analog Devices

部品番号 AD7870A
部品情報  LC MOS Complete, 12-Bit, 100 kHz , Sampling ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7870A データシート(HTML) 9 Page - Analog Devices

Back Button AD7870A_15 Datasheet HTML 4Page - Analog Devices AD7870A_15 Datasheet HTML 5Page - Analog Devices AD7870A_15 Datasheet HTML 6Page - Analog Devices AD7870A_15 Datasheet HTML 7Page - Analog Devices AD7870A_15 Datasheet HTML 8Page - Analog Devices AD7870A_15 Datasheet HTML 9Page - Analog Devices AD7870A_15 Datasheet HTML 10Page - Analog Devices AD7870A_15 Datasheet HTML 11Page - Analog Devices AD7870A_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7870A
–9–
REV. 0
The timing diagram for byte and serial data is shown in Figure
10.
INT goes low at the end of conversion and is reset high by
the first falling edge of
CS and RD. This first read at the end of
conversion can either access the low byte or high byte of data
depending on the status of
HBEN (Figure 10 shows low byte
only for example). The diagram shows both a noncontinuously
and a continuously running clock (dashed line).
AD7870A DYNAMIC SPECIFICATIONS
The AD7870A is specified and 100% tested for dynamic perfor-
mance specifications. These ac specifications are required for
signal processing applications such as speech recognition, spec-
trum analysis and high speed modems. These applications re-
quire information on the ADC’s effect on the spectral content
of the input signal. Hence, the parameters for which the AD7870A
is specified include SNR, harmonic distortion, intermodulation
distortion and peak harmonics. These terms are discussed in
more detail in the following sections.
Signal-to-Noise Ratio (SNR)
SNR is the measured signal-to-noise ratio at the output of the
ADC. The signal is the rms magnitude of the fundamental.
Noise is the rms sum of all the nonfundamental signals up to
half the sampling frequency (FS/2) excluding dc. SNR is depen-
dent upon the number of quantization levels used in the digiti-
zation process; the more levels, the smaller the quantization
noise. The theoretical signal-to-noise ratio for a sine wave input
is given by
SNR =(6.02N + 1.76) dB
(1)
where N is the number of bits. Thus for an ideal 12-bit con-
verter, SNR = 74 dB.
Figure 10. Mode 1 Timing Diagram, Byte or Serial Read
The output spectrum from the ADC is evaluated by applying a
sine-wave signal of very low distortion to the VIN input which is
sampled at a 100 kHz sampling rate. A Fast Fourier Transform
(FFT) plot is generated from which the SNR data can be ob-
tained. Figure 11 shows a typical 2048 point FFT plot of the
AD7870AJN with an input signal of 25 kHz and a sampling
frequency of 100 kHz. The SNR obtained from this graph is
72.6 dB. It should be noted that the harmonics are taken into
account when calculating the SNR.
Figure 11. FFT Plot


同様の部品番号 - AD7870A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7870AJN AD-AD7870AJN Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7870AQ AD-AD7870AQ Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7870AQ AD-AD7870AQ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
More results

同様の説明 - AD7870A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7886 AD-AD7886_15 Datasheet
403Kb / 16P
   LC MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV. B
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7572AJNZ10 AD-AD7572AJNZ10 Datasheet
819Kb / 12P
   LC MOS Complete, High Speed 12-Bit ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com