データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7875 データシート(PDF) 4 Page - Analog Devices

部品番号 AD7875
部品情報  LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7875 データシート(HTML) 4 Page - Analog Devices

  AD7875_15 Datasheet HTML 1Page - Analog Devices AD7875_15 Datasheet HTML 2Page - Analog Devices AD7875_15 Datasheet HTML 3Page - Analog Devices AD7875_15 Datasheet HTML 4Page - Analog Devices AD7875_15 Datasheet HTML 5Page - Analog Devices AD7875_15 Datasheet HTML 6Page - Analog Devices AD7875_15 Datasheet HTML 7Page - Analog Devices AD7875_15 Datasheet HTML 8Page - Analog Devices AD7875_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 4 of
28
ADN78701
Parameter
J, A
K, B
L, C
T
Units
Test Conditions/Comments
CONVERSION TIME
External Clock (fCLK = 2.5 MHz)
8
8
8
8
μs max
Internal Clock6
6.5/9
6.5/9
6.5/9
6.5/9
μs min/
μs max
POWER REQUIREMENTS
VDD
+5
+5
+5
+5
V nom
±5% for specified performance
VSS
−5
−5
−5
−5
V nom
±5% for specified performance
IDD
13
13
13
13
mA max
Typically 8 mA
ISS
6
6
6
6
mA max
Typically 4 mA
Power Dissipation
95
95
95
95
mW max
Typically 60 mW
1 The temperature range for the J, K, and L versions is from 0°C to +70°C; for the A, B, and C versions is−40°C to +85°C; and for the T version is −55°C to +125°C.
2 VIN (p-p) = ±3 V.
3 SNR calculation includes distortion and noise components.
4 Measured with respect to internal reference and includes bipolar offset error.
5 Sample tested @ +25°C to ensure compliance.
6 Conversion time specification for the AD7870A device with internal clock used is 8 μs/10 μs minimum/maximum.
AD7875/AD7876 SPECIFICATIONS
Table 2.
Parameter
AD7875/AD78761
Units
Test Conditions/Comments
K, B
L, C
T
DC ACCURACY
Resolution
12
12
12
Bits
Min Resolution for which No Missing
Codes Are Guaranteed
12
12
12
Bits
Integral Nonlinearity @ +25°C
±1
±1/2
±1
LSB max
TMIN to TMAX (AD7875 Only)
±1
±1
±1
LSB max
TMIN to TMAX (AD7876 Only)
±1
±1/2
±1
LSB max
Differential Nonlinearity
±1
±1
±1.5/−1.0
LSB max
Unipolar Offset Error (AD7875 Only)
±5
±5
±5
LSB max
Bipolar Zero Error (AD7876 Only)
±6
±2
±6
LSB max
Full-Scale Error at +25°C2
±8
±8
±8
LSB max
Typical full-scale error is ±1 LSB
Full-Scale TC2
±60
±35
±60
ppm/°C max
Typical TC is ±20 ppm/°C
Track-and-Hold Acquisition Time
2
2
2
μs max
DYNAMIC PERFORMANCE3 (AD7875
ONLY)
Signal-to-Noise Ratio4 (SNR)
@ +25°C
70
72
69
dB min
VIN = 10 kHz sine wave, fSAMPLE = 100 kHz
TMIN to TMAX
70
71
69
dB min
Typically 71.5 dB for 0 < VIN < 50 kHz
Total Harmonic Distortion (THD)
−80
−80
−78
dB max
VIN = 10 kHz sine wave, fSAMPLE = 100 kHz
Typically −86 dB for 0 < VIN < 50 kHz
Peak Harmonic or Spurious Noise
−80
−80
−78
dB max
VIN = 10 kHz, fSAMPLE = 100 kHz
Typically −86 dB for 0 < VIN < 50 kHz
Intermodulation Distortion (IMD)
Second Order Terms
−80
−80
−78
dB max
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 50 kHz
Third Order Terms
−80
−80
−78
dB max
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 50 kHz


同様の部品番号 - AD7875_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7875BQ AD-AD7875BQ Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875BQ AD-AD7875BQ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875CQ AD-AD7875CQ Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875CQ AD-AD7875CQ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875KN AD-AD7875KN Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
More results

同様の説明 - AD7875_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870A AD-AD7870A_15 Datasheet
256Kb / 12P
   LC MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7871 AD-AD7871_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872 AD-AD7872_15 Datasheet
324Kb / 16P
   LC MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7886 AD-AD7886_15 Datasheet
403Kb / 16P
   LC MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV. B
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com