データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4047BMS データシート(PDF) 1 Page - Intersil Corporation

部品番号 CD4047BMS
部品情報  CMOS Low-Power Monostable/Astable Multivibrator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4047BMS データシート(HTML) 1 Page - Intersil Corporation

  CD4047BMS Datasheet HTML 1Page - Intersil Corporation CD4047BMS Datasheet HTML 2Page - Intersil Corporation CD4047BMS Datasheet HTML 3Page - Intersil Corporation CD4047BMS Datasheet HTML 4Page - Intersil Corporation CD4047BMS Datasheet HTML 5Page - Intersil Corporation CD4047BMS Datasheet HTML 6Page - Intersil Corporation CD4047BMS Datasheet HTML 7Page - Intersil Corporation CD4047BMS Datasheet HTML 8Page - Intersil Corporation CD4047BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
7-897
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4047BMS
CMOS Low-Power
Monostable/Astable Multivibrator
Description
CD4047BMS consists of a gatable astable multivibrator with logic tech-
niques incorporated to permit positive or negative edge triggered
monostable multivibrator action with retriggering and external counting
options.
Inputs include +TRIGGER, -TRIGGER, ASTABLE, ASTABLE,
RETRIGGER, and EXTERNAL RESET. Buffered outputs are Q, Q, and
OSCILLATOR. In all modes of operation, an external capacitor must be
connected between C-Timing and RC-Common terminals, and an
external resistor must be connected between the R-Timing and RC-
Common terminals.
Astable operation is enabled by a high level on the ASTABLE input or a
low level on the ASTABLE input, or both. The period of the square wave
at the Q and Q Outputs in this mode of operation is a function of the
external components employed. “True” input pulses on the ASTABLE
input or “Complement” pulses on the ASTABLE input allow the circuit to
be used as a gatable multivibrator. The OSCILLATOR output period will
be half of the Q terminal output in the astable mode. However, a 50%
duty cycle is not guaranteed at this output.
The CD4047BMS triggers in the monostable mode when a positive
going edge occurs on the +TRIGGER input while the -TRIGGER is held
low. Input pulses may be of any duration relative to the output pulse.
If retrigger capability is desired, the RETRIGGER input is pulsed. The
retriggerable mode of operation is limited to positive going edge. The
CD4047BMS will retrigger as long as the RETRIGGER input is high,
with or without transitions (See Figure 31)
An external countdown option can be implemented by coupling “Q” to
an external “N” counter and resetting the counter with trigger pulse. The
counter output pulse is fed back to the ASTABLE input and has a dura-
tion equal to N times the period of the multivibrator.
A high level on the EXTERNAL RESET input assures no output pulse
during an “ON” power condition. This input can also be activated to ter-
minate the output pulse at any time. For monostable operation, when-
ever VDD is applied, an internal power on reset circuit will clock the Q
output low within one output period (tM).
The CD4047BMS is supplied in these 14-lead outline packages:
Pinout
CD4047BMS
TOP VIEW
Braze Seal DIP
H4Q
Frit Seal DIP
H1B
Ceramic Flatpack
H3W
C
R
R-C COMMON
ASTABLE
ASTABLE
-TRIGGER
VSS
VDD
OSC OUT
RETRIGGER
Q
Q
EXT. RESET
+TRIGGER
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Features
• High Voltage Type (20V Rating)
• Low Power Consumption: Special CMOS Oscillator
Configuration
• Monostable (One-Shot) or Astable (Free-Running)
Operation
• True and Complemented Buffered Outputs
• Only One External R and C Required
• Buffered Inputs
• 100% Tested for Quiescent Current at 20V
• Standardized, Symmetrical Output Characteristics
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Monostable Multivibrator Features
• Positive or Negative Edge Trigger
• Output Pulse Width Independent of Trigger Pulse
Duration
• Retriggerable Option for Pulse Width Expansion
• Internal Power-On Reset Circuit
• Long Pulse Widths Possible Using Small RC Compo-
nents by Means of External Counter Provision
• Fast Recovery Time Essentially Independent of Pulse
Width
• Pulse-Width Accuracy Maintained at Duty Cycles
Approaching 100%
Astable Multivibrator Features
• Free-Running or Gatable Operating Modes
• 50% Duty Cycle
• Oscillator Output Available
• Good Astable Frequency Stability: Frequency Deviation:
-=
±2% + 0.03%/oC at 100kHz
-=
±0.5% + 0.015%/oC at 10kHz (Circuits “Trimmed”
to Frequency VDD = 10V
± 10%
Applications
Digital equipment where low power dissipation and/or high noise
immunity are primary design requirements
• Envelope Detection
• Frequency Multiplication
• Frequency Division
• Frequency Discriminators
• Timing Circuits
• Time Delay Applications
December 1992
File Number
3313


同様の部品番号 - CD4047BMS

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4047BM TI-CD4047BM Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
National Semiconductor ...
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
logo
Texas Instruments
CD4047BM TI1-CD4047BM Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Low-Power Monostable/Astable Multivibrator
CD4047BM TI1-CD4047BM Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Low-Power Monostable/Astable Multivibrator
More results

同様の説明 - CD4047BMS

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
CD4047B TI1-CD4047B_15 Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Low-Power Monostable/Astable Multivibrator
CD4047BNSRE4 TI1-CD4047BNSRE4 Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Low-Power Monostable/Astable Multivibrator
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC_02 Datasheet
94Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
National Semiconductor ...
CD4047BC NSC-CD4047BC Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
logo
STMicroelectronics
HCF4047B STMICROELECTRONICS-HCF4047B Datasheet
799Kb / 12P
   LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Micro Electronics
MMC4047 MICRO-ELECTRONICS-MMC4047 Datasheet
240Kb / 6P
   LOW POWER MONOSTABLE ASTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC Datasheet
85Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com