データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4093BMS データシート(PDF) 1 Page - Intersil Corporation

部品番号 CD4093BMS
部品情報  CMOS Quad 2-Input NAND Schmitt Triggers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4093BMS データシート(HTML) 1 Page - Intersil Corporation

  CD4093BMS Datasheet HTML 1Page - Intersil Corporation CD4093BMS Datasheet HTML 2Page - Intersil Corporation CD4093BMS Datasheet HTML 3Page - Intersil Corporation CD4093BMS Datasheet HTML 4Page - Intersil Corporation CD4093BMS Datasheet HTML 5Page - Intersil Corporation CD4093BMS Datasheet HTML 6Page - Intersil Corporation CD4093BMS Datasheet HTML 7Page - Intersil Corporation CD4093BMS Datasheet HTML 8Page - Intersil Corporation CD4093BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7-1074
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
Pinout
CD4093BMSMS
TOP VIEW
Functional Diagram
A
B
J = A · B
K = C · D
C
D
VSS
VDD
H
G
M = G · H
L = E · F
F
E
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
J
K
C
D
VSS
VDD
H
G
M
L
F
E
1
2
3
4
5
6
7
14
13
12
11
10
9
8
J = A · B
L = E · F
M = G · H
K = C · D
Features
• High Voltage Types (20V Rating)
• Schmitt Trigger Action on Each Input With No External
Components
• Hysteresis Voltage Typically 0.9V at VDD = 5V and
2.3V at VDD = 10V
• Noise Immunity Greater than 50%
• No Limit on Input Rise and Fall Times
• Standardized, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range, 100nA at 18V and +25oC
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Wave and Pulse Shapers
• High Noise Environment Systems
• Monostable Multivibrators
• Astable Multivibrators
• NAND Logic
Description
CD4093BMS consists of four Schmitt trigger circuits. Each
circuit functions as a two input NAND gate with Schmitt trig-
ger action on both inputs. The gate switches at different
points for positive and negative going signals. The difference
between the positive voltage (VP) and the negative voltage
(VN) is defined as hysteresis voltage (VH) (see Figure 1).
The CD4093BMS is supplied in these 14 lead outline pack-
ages:
Braze Seal DIP
H4H
Frit Seal DIP
H1B
Ceramic Flatpack
H3W
File Number
3330
December 1992
CD4093BMS
CMOS Quad 2-Input
NAND Schmitt Triggers


同様の部品番号 - CD4093BMS

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD4093BM NSC-CD4093BM Datasheet
157Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
logo
Texas Instruments
CD4093BM TI-CD4093BM Datasheet
574Kb / 12P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
CD4093BM TI1-CD4093BM Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
CD4093BM96 TI-CD4093BM96 Datasheet
574Kb / 12P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
CD4093BM96 TI1-CD4093BM96 Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
More results

同様の説明 - CD4093BMS

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4093B TI1-CD4093B_15 Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
CD4093B TI-CD4093B Datasheet
574Kb / 12P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
System Logic Semiconduc...
SL4093B SLS-SL4093B Datasheet
37Kb / 5P
   Quad 2-Input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A Datasheet
68Kb / 9P
   Quad. 2-input NAND Schmitt-triggers
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP_07 Datasheet
265Kb / 8P
   Quad 2-Input NAND Schmitt Triggers
logo
Micro Electronics
MMC4093 MICRO-ELECTRONICS-MMC4093 Datasheet
133Kb / 4P
   QUAD 2 INPUT NAND SCHMITT TRIGGERS
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP Datasheet
222Kb / 5P
   QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
Hitachi Semiconductor
HD74LV132A HITACHI-HD74LV132A Datasheet
52Kb / 13P
   Quad. 2-input NAND Schmitt-triggers
HD74HC132 HITACHI-HD74HC132 Datasheet
41Kb / 7P
   Quad. 2-input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A_15 Datasheet
92Kb / 11P
   Quad. 2-input NAND Schmitt-triggers
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com