データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FWLF1523P151 データシート(PDF) 1 Page - Finisar Corporation.

部品番号 FWLF1523P151
部品情報  125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINISAR [Finisar Corporation.]
ホームページ  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1523P151 データシート(HTML) 1 Page - Finisar Corporation.

  FWLF1523P151 Datasheet HTML 1Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 2Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 3Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 4Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 5Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 6Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 7Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 8Page - Finisar Corporation. FWLF1523P151 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
F i n i s a r
© Finisar Corporation May 2011, Rev. A
Page 1
Product Specification
125/155Mbps Optical Supervisory Channel
RoHS Compliant Pluggable SFP Transceiver
FWLF1523P1x51
PRODUCT FEATURES
• 125/155 Mbps bi-directional data links
• 35dB Link Budget over the
commercial temperature range
• 1511nm uncooled DFB laser
• Two versions for commercial and
extended operating temperature ranges
• Hot-pluggable SFP footprint
• Built-in digital diagnostic functions
• Duplex LC connector
• Very low jitter
• Metal enclosure, for lower EMI
• Single 3.3V power supply
• Low power dissipation <1W typical,
over the extended temperature range
APPLICATIONS
• Optical Supervisory Channel for
SONET OC-3 and Fast Ethernet
Finisar’s FWLF1523P1x51 Small Form Factor Pluggable (SFP) transceivers provide a
reliable solution for 1511nm, point-to-point, 155Mb/s Optical Supervisory Channel
(OSC) applications, outside the band of the transmitted signal. They are compatible with
the Small Form Factor Pluggable Multi-Sourcing Agreement (MSA)
1, as well as with
SONET and SDH standards
2 at OC-3 LR-2/STM L-1.2 and Fast Ethernet applications.
Digital diagnostics functions are available via the 2-wire serial bus specified in the SFP
MSA. They are RoHS compliant and lead-free per Directive 2002/95/EC
3 and Finisar
Application Note AN-2038.
PRODUCT SELECTION
Product Part Number
x
Temperature Range
FWLF1523P1x51
C
Commercial (0/70 ºC)
N
Extended (-20/85 ºC)
Blue Color Bail Clasp
1511nm: CWDM channel 51


同様の部品番号 - FWLF1523P151

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
FWLF1523P1C51 FRONTIER-FWLF1523P1C51 Datasheet
1Mb / 5P
   Product Guide
FWLF1523P1N51 FRONTIER-FWLF1523P1N51 Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF1523P1X51 FINISAR-FWLF1523P1X51 Datasheet
651Kb / 10P
   125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
More results

同様の説明 - FWLF1523P151

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FWLF1523P1X51 FINISAR-FWLF1523P1X51 Datasheet
651Kb / 10P
   125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ATPZ AVAGO-AFCT-57D5ATPZ_15 Datasheet
380Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57D5ANPZ AVAGO-AFCT-57D5ANPZ Datasheet
402Kb / 18P
   Fibre Channel RoHS Compliant Optical Transceiver
AFBR-57R5APZ AVAGO-AFBR-57R5APZ_15 Datasheet
288Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-57R5AEZ AVAGO-AFBR-57R5AEZ_15 Datasheet
269Kb / 19P
   RoHS Compliant Optical Transceiver
AFBR-59R5LZ AVAGO-AFBR-59R5LZ_15 Datasheet
590Kb / 19P
   RoHS-Compliant Optical Transceiver
logo
Finisar Corporation.
FTLF1518P1BTL FINISAR-FTLF1518P1BTL Datasheet
648Kb / 10P
   1.25Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1421P1BTL-3G FINISAR-FTLF1421P1BTL-3G Datasheet
638Kb / 10P
   RoHS Compliant Pluggable SFP Transceiver for 3G Wireless Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com