データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7940 データシート(PDF) 5 Page - Analog Devices

部品番号 AD7940
部品情報  3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7940 データシート(HTML) 5 Page - Analog Devices

  AD7940_15 Datasheet HTML 1Page - Analog Devices AD7940_15 Datasheet HTML 2Page - Analog Devices AD7940_15 Datasheet HTML 3Page - Analog Devices AD7940_15 Datasheet HTML 4Page - Analog Devices AD7940_15 Datasheet HTML 5Page - Analog Devices AD7940_15 Datasheet HTML 6Page - Analog Devices AD7940_15 Datasheet HTML 7Page - Analog Devices AD7940_15 Datasheet HTML 8Page - Analog Devices AD7940_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7940
Rev. A | Page 5 of 20
TIMING SPECIFICATIONS
Sample tested at initial release to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from
a voltage level of 1.6 V.
VDD = 2.50 V to 5.5 V; TA = TMIN to TMAX, unless otherwise noted.
Table 3.
Limit at T
MIN, TMAX
Parameter
3 V
5 V
Unit
Description
f
SCLK
1
250
250
kHz min
2.5
2.5
MHz max
t
CONVERT
16 × t
SCLK
16 × t
SCLK
min
t
QUIET
50
50
ns min
Minimum quiet time required between bus relinquish and start of
next conversion
t
1
10
10
ns min
Minimum CS pulse width
t
2
10
10
ns min
CS to SCLK setup time
t
3
2
48
35
ns max
Delay from CS until SDATA three-state disabled
t
4
2
120
80
ns max
Data access time after SCLK falling edge
t
5
0.4 t
SCLK
0.4 t
SCLK
ns min
SCLK low pulse width
t
6
0.4 t
SCLK
0.4 t
SCLK
ns min
SCLK high pulse width
t
7
10
10
ns min
SCLK to data valid hold time
t
8
3
45
35
ns max
SCLK falling edge to SDATA high impedance
t
POWER-UP
4
1
1
µs typ
Power up time from full power-down
1 Mark/space ratio for the SCLK input is 40/60 to 60/40.
2 Measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 2.0 V.
3 t
8 is derived form the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
4 See the Power vs. Throughput Rate section.
200
µA
IOL
200
µA
IOH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Output Timing Specification


同様の部品番号 - AD7940_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
More results

同様の説明 - AD7940_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7940BRJ AD-AD7940BRJ Datasheet
354Kb / 20P
   3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. A
AD7680ARMZ AD-AD7680ARMZ Datasheet
301Kb / 24P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680_11 Datasheet
301Kb / 24P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680_17 Datasheet
348Kb / 25P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
AD7940 AD-AD7940 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7680 AD-AD7680 Datasheet
200Kb / 11P
   3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
REV. PrE 11/02
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com