データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7997 データシート(PDF) 9 Page - Analog Devices

部品番号 AD7997
部品情報  8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7997 データシート(HTML) 9 Page - Analog Devices

Back Button AD7997_15 Datasheet HTML 5Page - Analog Devices AD7997_15 Datasheet HTML 6Page - Analog Devices AD7997_15 Datasheet HTML 7Page - Analog Devices AD7997_15 Datasheet HTML 8Page - Analog Devices AD7997_15 Datasheet HTML 9Page - Analog Devices AD7997_15 Datasheet HTML 10Page - Analog Devices AD7997_15 Datasheet HTML 11Page - Analog Devices AD7997_15 Datasheet HTML 12Page - Analog Devices AD7997_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 9 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to GND
−0.3 V to 7 V
Analog Input Voltage to GND
−0.3 V to VDD + 0.3 V
Reference Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to +7 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
Commercial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°
Junction Temperature
150°C
20-Lead TSSOP
θJA Thermal Impedance
143°C/W
θJC Thermal Impedance
45°C/W
Pb/SN Temperature, Soldering
Reflow (10 s to 30 s)
240 (+0/-5)°C
Pb-free Temperature, Soldering
Reflow
260 (+0)°C
ESD
1.5 kV
1 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


同様の部品番号 - AD7997_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7997BRU-0 AD-AD7997BRU-0 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7997BRU-0REEL AD-AD7997BRU-0REEL Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7997BRU-1 AD-AD7997BRU-1 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7997BRU-1REEL AD-AD7997BRU-1REEL Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
AD7997BRUZ-03 AD-AD7997BRUZ-03 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
More results

同様の説明 - AD7997_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7998 AD-AD7998_15 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
AD7993 AD-AD7993_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994_15 Datasheet
1Mb / 32P
   4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
REV. 0
AD7993 AD-AD7993 Datasheet
693Kb / 32P
   4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. 0
AD7994 AD-AD7994 Datasheet
277Kb / 27P
   4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
REV. PrF 09/03
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com