データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8000 データシート(PDF) 8 Page - Analog Devices

部品番号 AD8000
部品情報  1.5 GHz Ultrahigh Speed Op Amp
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8000 データシート(HTML) 8 Page - Analog Devices

Back Button AD8000_15 Datasheet HTML 4Page - Analog Devices AD8000_15 Datasheet HTML 5Page - Analog Devices AD8000_15 Datasheet HTML 6Page - Analog Devices AD8000_15 Datasheet HTML 7Page - Analog Devices AD8000_15 Datasheet HTML 8Page - Analog Devices AD8000_15 Datasheet HTML 9Page - Analog Devices AD8000_15 Datasheet HTML 10Page - Analog Devices AD8000_15 Datasheet HTML 11Page - Analog Devices AD8000_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet
AD8000
Rev. B | Page 7 of 20
FREQUENCY (MHz)
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
0.1
1
10
100
1000
RL = 1k
G = +1
RF = 432
VOUT = 200mV p-p
LFCSP
VS = +5V, RS = 0
VS = 5V, RS = 50
VS = +5V, RS = 50
VS = 5V, RS = 0
Figure 11. Small Signal Frequency Response vs. Supply Voltage
–9
–6
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
RL = 150
G = +1
RF = 432
VOUT = 200mV p-p
LFCSP
VS = 5V
VS = +5V
Figure 12. Small Signal Frequency Response vs. Supply Voltage
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
FREQUENCY (MHz)
1
100
10
VS = 5V
RL = 150
VOUT = 2V p-p
G = +2
RF = 432
SOIC
LFCSP
Figure 13. 0.1 dB Flatness
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
VS = 5V
G = +2
RL = 150
VOUT = 200mV p-p
LFCSP
–40
C
+125
C
+25
C
Figure 14. Small Signal Frequency Response vs. Temperature
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
VS = 5V
G = +2
RL = 1k
VOUT = 200mV p-p
LFCSP
–40
C
+125
C
+25
C
Figure 15. Small Signal Frequency Response vs. Temperature
–3
0
3
6
9
FREQUENCY (MHz)
10
1
100
1000
VS = 5V
G = +2
RL = 150
VOUT = 2V p-p
LFCSP
+125
C
+25
C
–40
C
Figure 16. Large Signal Frequency Response vs. Temperature


同様の部品番号 - AD8000_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8000YCPZ-R2 AD-AD8000YCPZ-R2 Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
AD8000YCPZ-REEL AD-AD8000YCPZ-REEL Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
AD8000YCPZ-REEL7 AD-AD8000YCPZ-REEL7 Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
AD8000YRDZ AD-AD8000YRDZ Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
AD8000YRDZ-REEL AD-AD8000YRDZ-REEL Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
More results

同様の説明 - AD8000_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8000 AD-AD8000 Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
AD8003 AD-AD8003_16 Datasheet
782Kb / 17P
   Triple, 1.5 GHz Op Amp
AD8003 AD-AD8003 Datasheet
684Kb / 16P
   Triple, 1.5 GHz Op Amp
Rev. A
AD8003 AD-AD8003_15 Datasheet
947Kb / 17P
   Triple, 1.5 GHz Op Amp
REV. C
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
   HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
logo
Texas Instruments
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com