データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8016 データシート(PDF) 10 Page - Analog Devices

部品番号 AD8016
部品情報  Low Power, High Output Current xDSL Line Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8016 データシート(HTML) 10 Page - Analog Devices

Back Button AD8016_15 Datasheet HTML 6Page - Analog Devices AD8016_15 Datasheet HTML 7Page - Analog Devices AD8016_15 Datasheet HTML 8Page - Analog Devices AD8016_15 Datasheet HTML 9Page - Analog Devices AD8016_15 Datasheet HTML 10Page - Analog Devices AD8016_15 Datasheet HTML 11Page - Analog Devices AD8016_15 Datasheet HTML 12Page - Analog Devices AD8016_15 Datasheet HTML 13Page - Analog Devices AD8016_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
AD8016
Rev. C | Page 9 of 20
Figure 18. Distortion vs. Output Voltage; Second Harmonic, VS = ±12 V,
G = +10, f = 1 MHz, RL = 50 Ω, Differential
Figure 19. Distortion vs. Output Voltage; Second Harmonic, VS = ±6 V,
G = +10, f = 1 MHz, RL = 50 Ω, Differential
Figure 20. Distortion vs. Peak Output Current; Third Harmonic, VS = ±6 V,
G = +5, RL = 5 Ω, f = 100 kHz, Single-Ended
Figure 21. Distortion vs. Output Voltage; Third Harmonic, VS = ±12 V,
G = +10, f = 1 MHz, RL = 50 Ω, Differential
Figure 22. Distortion vs. Output Voltage, Third Harmonic, VS = ±6 V, G = +10,
f = 1 MHz, RL = 50 Ω, Differential
Figure 23. Frequency Response; VS = ±12 V, @ PWDN1, PWDN0 Codes
(0,1)
DIFFERENTIAL OUTPUT (V p-p)
–30
05
10
–100
–90
–80
–70
–50
(0,0)
–40
–60
15
20
25
30
35
40
(1,0)
PWDN1, PWDN0 = (1,1)
(1,0)
(0,1)
DIFFERENTIAL OUTPUT (V p-p)
–30
05
10
–90
–80
–70
–50
(0,0)
–40
–60
15
20
PWDN1, PWDN0 = (1,1)
(1,0)
(0,1)
PEAK OUTPUT CURRENT (mA)
–30
0100
200
–80
–75
–70
–65
–60
–55
–50
–40
(0,0)
–35
–45
300
400
500
600
PWDN1, PWDN0 = (1,1)
(1,0)
(0,1)
DIFFERENTIAL OUTPUT (V p-p)
–30
05
10
–100
–90
–80
–70
–50
(0,0)
–40
–60
15
20
25
30
35
40
PWDN1, PWDN0 = (1,1)
(1,0)
(0,1)
DIFFERENTIAL OUTPUT (V p-p)
–30
05
10
–90
–80
–70
–50
(0,0)
–40
–60
15
20
PWDN1, PWDN0 = (1,1)
FREQUENCY (MHz)
10
1500
100
3
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
(1,1)
(1,0)
(0,1)
(0,0)
VIN = 40mV p-p
G = +5
RL = 100Ω


同様の部品番号 - AD8016_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8016ARB AD-AD8016ARB Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016ARB AD-AD8016ARB Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB-EVAL AD-AD8016ARB-EVAL Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016ARB-EVAL AD-AD8016ARB-EVAL Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB-REEL AD-AD8016ARB-REEL Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
More results

同様の説明 - AD8016_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8016 AD-AD8016 Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com