データシートサーチシステム |
|
AD8028 データシート(PDF) 7 Page - Analog Devices |
|
AD8028 データシート(HTML) 7 Page - Analog Devices |
7 / 25 page AD8027/AD8028 Rev. C | Page 6 of 24 ABSOLUTE MAXIMUM RATINGS Table 4. Parameter Rating Supply Voltage 12.6 V Power Dissipation See Figure 3 Common-Mode Input Voltage ±VS ± 0.5 V Differential Input Voltage ±1.8 V Storage Temperature –65°C to +125°C Operating Temperature Range –40°C to +125°C Lead Temperature Range (Soldering 10 sec) 300°C Junction Temperature 150°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. MAXIMUM POWER DISSIPATION The maximum safe power dissipation in the AD8027/AD8028 package is limited by the associated rise in junction temperature (TJ) on the die. The plastic encapsulating the die locally reaches the junction temperature. At approximately 150°C, which is the glass transition temperature, the plastic changes its properties. Even temporarily exceeding this temperature limit may change the stresses that the package exerts on the die, permanently shifting the parametric performance of the AD8027/AD8028. Exceeding a junction temperature of 175°C for an extended period of time can result in changes in the silicon devices, potentially causing failure. The still-air thermal properties of the package and PCB (θJA), ambient temperature (TA), and the total power dissipated in the package (PD) determine the junction temperature of the die. The junction temperature can be calculated as ( ) JA D A J θ P T T × + = The power dissipated in the package (PD) is the sum of the quiescent power dissipation and the power dissipated in the package due to the load drive for all outputs. The quiescent power is the voltage between the supply pins (VS) times the quiescent current (IS). Assuming the load (RL) is referenced to midsupply, then the total drive power is VS/2 × IOUT, some of which is dissipated in the package and some in the load (VOUT × IOUT). The difference between the total drive power and the load power is the drive power dissipated in the package. PD = Quiescent Power + (Total Drive Power − Load Power) () L OUT L OUT S S S D R V R V V I V P 2 – 2 ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ × + × = RMS output voltages should be considered. If RL is referenced to VS−, as in single-supply operation, then the total drive power is VS × IOUT. If the rms signal levels are indeterminate, then consider the worst case, when VOUT = VS/4 for RL to midsupply. () ( ) L S S S D R V I V P 2 4 / + × = In single-supply operation with RL referenced to VS–, worst case is VOUT = VS/2. Airflow increases heat dissipation, effectively reducing θJA. Also, more metal directly in contact with the package leads from metal traces, through holes, ground, and power planes reduces the θJA. Care must be taken to minimize parasitic capacitances at the input leads of high speed op amps, as discussed in the PCB Layout section. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degrada- tion or loss of functionality. |
同様の部品番号 - AD8028_15 |
|
同様の説明 - AD8028_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |