データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8110 データシート(PDF) 6 Page - Analog Devices

部品番号 AD8110
部品情報  260 MHz, 16 8 Buffered Video Crosspoint Switches
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8110 データシート(HTML) 6 Page - Analog Devices

Back Button AD8110_15 Datasheet HTML 2Page - Analog Devices AD8110_15 Datasheet HTML 3Page - Analog Devices AD8110_15 Datasheet HTML 4Page - Analog Devices AD8110_15 Datasheet HTML 5Page - Analog Devices AD8110_15 Datasheet HTML 6Page - Analog Devices AD8110_15 Datasheet HTML 7Page - Analog Devices AD8110_15 Datasheet HTML 8Page - Analog Devices AD8110_15 Datasheet HTML 9Page - Analog Devices AD8110_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
REV. A
AD8110/AD8111
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8110/AD8111 features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.0 V
Internal Power Dissipation
2
AD8110/AD8111 80-Lead Plastic LQFP (ST) . . . . . 2.6 W
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±VS
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air (TA = 25
°C):
80-lead plastic LQFP (ST):
θJA = 48°C/W.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8110/AD8111 is limited by the associated rise in junction
temperature. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition
temperature of the plastic, approximately 150
°C. Temporarily
exceeding this limit may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 175
°C for an extended
period can result in device failure.
While the AD8110/AD8111 is internally short circuit protected,
this may not be sufficient to guarantee that the maximum junction
temperature (150
°C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the maximum
power derating curves shown in Figure 3.
AMBIENT TEMPERATURE – C
5.0
4.0
0
–50
80
–40 –30 –20 –10
0
10
20
30 40
50
60 70
3.0
2.0
1.0
TJ = 150 C
90
Figure 3. Maximum Power Dissipation vs. Temperature
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8110AST
–40
°C to +85°C
80-Lead Plastic LQFP (12 mm
× 12 mm)
ST-80A
AD8111AST
–40
°C to +85°C
80-Lead Plastic LQFP (12 mm
× 12 mm)
ST-80A
AD8110-EB
Evaluation Board
AD8111-EB
Evaluation Board


同様の部品番号 - AD8110_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
More results

同様の説明 - AD8110_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8108 AD-AD8108_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com