データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8115 データシート(PDF) 1 Page - Analog Devices

部品番号 AD8115
部品情報  Low Cost 225 MHz
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8115 データシート(HTML) 1 Page - Analog Devices

  AD8115_15 Datasheet HTML 1Page - Analog Devices AD8115_15 Datasheet HTML 2Page - Analog Devices AD8115_15 Datasheet HTML 3Page - Analog Devices AD8115_15 Datasheet HTML 4Page - Analog Devices AD8115_15 Datasheet HTML 5Page - Analog Devices AD8115_15 Datasheet HTML 6Page - Analog Devices AD8115_15 Datasheet HTML 7Page - Analog Devices AD8115_15 Datasheet HTML 8Page - Analog Devices AD8115_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Low Cost 225 MHz
16 × 16 Crosspoint Switches
AD8114/AD8115
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
16 × 16 high speed nonblocking switch arrays
AD8114; G = 1
AD8115; G = 2
Serial or parallel programming of switch array
Serial data out allows daisy-chaining of multiple
16 × 16 arrays to create larger switch arrays
High impedance output disable allows connection of
multiple devices without loading the output bus
For smaller arrays see the AD8108/AD8109 (8 × 8) or
AD8110/AD8111 (16× 8) switch arrays
Complete solution
Buffered inputs
Programmable high impedance outputs
16 output amplifiers, AD8114 (G = 1), AD8115 (G = 2)
Drives 150 Ω loads
Excellent video performance
25 MHz, 0.1 dB gain flatness
0.05%/0.05° differential gain/differential phase error
(RL = 150 Ω)
Excellent ac performance
−3 dB bandwidth: 225 MHz
Slew rate: 375 V/µs
Low power of 700 mW (2.75 mW per point)
Low all hostile crosstalk of −70 dB @ 5 MHz
Reset pin allows disabling of all outputs (connected through
a capacitor to ground provides power-on reset capability)
100-lead LQFP (14 mm × 14 mm)
APPLICATIONS
Routing of high speed signals including
Video (NTSC, PAL, S, SECAM, YUV, RGB)
Compressed video (MPEG, wavelet)
3-level digital video (HDB3)
Datacomms
Telecomms
GENERAL DESCRIPTION
The AD8114/AD81151 are high speed 16 × 16 video crosspoint
switch matrices. They offer a −3 dB signal bandwidth greater
than 200 MHz and channel switch times of less than 50 ns
with 1% settling. With −70 dB of crosstalk and −90 dB isolation
(@ 5 MHz), the AD8114/AD8115 are useful in many high speed
applications. The differential gain and differential phase of better
than 0.05% and 0.05°, respectively, along with 0.1 dB
FUNCTIONAL BLOCK DIAGRAM
AD8114/AD8115
OUTPUT
BUFFER
G = +1,
G = +2
80
80
256
80-BIT SHIFT REGISTER
WITH 5-BIT
PARALLEL LOADING
PARALLEL LATCH
DECODE
16
× 5:16 DECODERS
16
CLK
DATA IN
UPDATE
CE
RESET
16 INPUTS
A0
DATA
OUT
16
OUTPUTS
SET
INDIVIDUAL
OR RESET
ALL OUTPUTS
TO "OFF"
A1
A2
SER/PAR D0 D1 D2 D3 D4
A3
SWITCH
MATRIX
Figure 1.
flatness out to 25 MHz while driving a 75 Ω back-terminated
load, make the AD8114/AD8115 ideal for all types of signal
switching.
The AD8114/AD8115 include 16 independent output buffers
that can be placed into a high impedance state for paralleling
crosspoint outputs so that off channels do not load the output
bus. The AD8114 has a gain of 1, while the AD8115 offers a
gain of 2. They operate on voltage supplies of ±5 V while
consuming only 70 mA of idle current. The channel switching is
performed via a serial digital control (which can accommodate
daisy-chaining of several devices) or via a parallel control,
allowing updating of an individual output without
reprogramming the entire array.
The AD8114/AD8115 is packaged in 100-lead LQFP package
and is available over the extended industrial temperature range
of −40°C to +85°C.
1Patent pending.


同様の部品番号 - AD8115_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8115-EB AD-AD8115-EB Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8115-EVAL AD-AD8115-EVAL Datasheet
1Mb / 32P
   Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
AD8115AST AD-AD8115AST Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8115AST AD-AD8115AST Datasheet
1Mb / 32P
   Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
AD8115ASTZ AD-AD8115ASTZ Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
More results

同様の説明 - AD8115_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8114 AD-AD8114_15 Datasheet
1Mb / 33P
   Low Cost 225 MHz
REV. B
AD8114 AD-AD8114 Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8114 AD-AD8114_05 Datasheet
1Mb / 32P
   Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
logo
National Semiconductor ...
DS8627 NSC-DS8627 Datasheet
92Kb / 4P
   130/225 MHz Low Power Prescalers
logo
Mini-Circuits
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
   Low Pass Filter DC to 225 MHz
logo
RF Monolithics, Inc
SF2244A RFM-SF2244A Datasheet
320Kb / 5P
   225 MHz SAW Filter
logo
TriQuint Semiconductor
855844 TRIQUINT-855844_15 Datasheet
475Kb / 5P
   225 MHz SAW Filter
logo
KR Electronics, Inc.
2893 KR-2893 Datasheet
42Kb / 2P
   225 MHz Center Frequency
logo
Murata Manufacturing Co...
SF2244A MURATA-SF2244A Datasheet
320Kb / 5P
   225 MHz SAW Filter
logo
TriQuint Semiconductor
855844 TRIQUINT-855844 Datasheet
511Kb / 5P
   225 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com