データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8118 データシート(PDF) 5 Page - Analog Devices

部品番号 AD8118
部品情報  Analog Crosspoint Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8118 データシート(HTML) 5 Page - Analog Devices

  AD8118_15 Datasheet HTML 1Page - Analog Devices AD8118_15 Datasheet HTML 2Page - Analog Devices AD8118_15 Datasheet HTML 3Page - Analog Devices AD8118_15 Datasheet HTML 4Page - Analog Devices AD8118_15 Datasheet HTML 5Page - Analog Devices AD8118_15 Datasheet HTML 6Page - Analog Devices AD8118_15 Datasheet HTML 7Page - Analog Devices AD8118_15 Datasheet HTML 8Page - Analog Devices AD8118_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD8117/AD8118
Rev. A | Page 5 of 36
TIMING CHARACTERISTICS (SERIAL MODE)
Specifications subject to change without notice.
Table 2.
Limit
Parameter
Symbol
Min
Typ
Max
Unit
Serial Data Setup Time
t1
40
ns
CLK Pulse Width
t2
50
ns
Serial Data Hold Time
t3
50
ns
CLK Pulse Separation
t4
150
ns
CLK to UPDATE Delay
t5
10
ns
UPDATE Pulse Width
t6
90
ns
CLK to DATA OUT Valid
t7
120
ns
Propagation Delay, UPDATE to Switch On or Off
100
ns
RESET Pulse Width
60
ns
RESET Time
200
ns
LOAD DATA INTO
SERIAL REGISTER
ON FALLING EDGE
t2
t4
1
0
CLK
1
0
DATA IN
OUT31 (D5)
t1
t3
OUT30 (D4)
OUT00 (D0)
1 = LATCHED
0 = TRANSPARENT
UPDATE
TRANSFER DATA FROM SERIAL
REGISTER TO PARALLEL
LATCHES DURING LOW LEVEL
t5
t7
DATA OUT
t6
WE
1
0
Figure 2. Timing Diagram, Serial Mode
Table 3. Logic Levels
VIH
VIL
VOH
VOL
IIH
IIL
IOH
IOL
RESET,
SER/PAR, CLK,
DATA IN,
UPDATE
RESET,
SER/PAR, CLK,
DATA IN,
UPDATE
DATA OUT
DATA OUT
RESET1,
SER/PAR, CLK,
DATA IN,
UPDATE
RESET1,
SER/PAR, CLK,
DATA IN,
UPDATE
DATA OUT
DATA OUT
2.0 V min
0.6 V max
VDD − 0.3 V min
DGND + 0.5 V max
1 μA max
–1 μA min
−1 mA max
1 mA min
1 See Figure 15.


同様の部品番号 - AD8118_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8118-EVAL AD-AD8118-EVAL Datasheet
1,021Kb / 36P
   600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
AD8118-EVAL AD-AD8118-EVAL Datasheet
935Kb / 36P
   Buffered Analog Crosspoint Switch
AD8118ABPZ AD-AD8118ABPZ Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8118ABPZ AD-AD8118ABPZ Datasheet
1,021Kb / 36P
   600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
AD8118ABPZ AD-AD8118ABPZ Datasheet
935Kb / 36P
   Buffered Analog Crosspoint Switch
More results

同様の説明 - AD8118_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8117 AD-AD8117_15 Datasheet
1,022Kb / 36P
   Analog Crosspoint Switch
REV. A
AD8105 AD-AD8105_15 Datasheet
1,017Kb / 36P
   Analog Crosspoint Switch
REV. 0
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
   Buffered Analog Crosspoint Switch
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Fairchild Semiconductor
FSA2866 FAIRCHILD-FSA2866 Datasheet
617Kb / 3P
   Dual-Host / Dual-SIM Card Crosspoint Analog Switch
logo
ON Semiconductor
FSA2866 ONSEMI-FSA2866 Datasheet
709Kb / 11P
   Dual-Host / Dual-SIM Card Crosspoint Analog Switch
May 2011 Rev. 1.0.0
logo
Analog Devices
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
logo
National Semiconductor ...
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Analog Devices
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
   Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com