データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8131 データシート(PDF) 8 Page - Analog Devices

部品番号 AD8131
部品情報  Low Cost, High Speed Differential Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8131 データシート(HTML) 8 Page - Analog Devices

Back Button AD8131_15 Datasheet HTML 4Page - Analog Devices AD8131_15 Datasheet HTML 5Page - Analog Devices AD8131_15 Datasheet HTML 6Page - Analog Devices AD8131_15 Datasheet HTML 7Page - Analog Devices AD8131_15 Datasheet HTML 8Page - Analog Devices AD8131_15 Datasheet HTML 9Page - Analog Devices AD8131_15 Datasheet HTML 10Page - Analog Devices AD8131_15 Datasheet HTML 11Page - Analog Devices AD8131_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AD8131
Rev. B | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
Table 5.1
Parameter
Rating
Supply Voltage
±5.5 V
VOCM
±VS
Internal Power Dissipation
250 mW
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 10 sec)
300°C
1 Thermal resistance measured on SEMI standard 4-layer board.
8-lead SOIC: θJA = 121°C/W.
8-lead MSOP: θJA = 142°C/W.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only, functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
AMBIENT TEMPERATURE (
°C)
–50
0
TJ = 150°C
2.0
1.5
1.0
8-LEAD SOIC
PACKAGE
–20
10
100
130
8-LEAD
MSOP
PACKAGE
0.5
40
70
Figure 3. Plot of Maximum Power Dissipation vs. Temperature
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


同様の部品番号 - AD8131_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8131-EVAL AD-AD8131-EVAL Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD8131AR AD-AD8131AR Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD8131AR AD-AD8131AR Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
AD8131AR-REEL AD-AD8131AR-REEL Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD8131AR-REEL AD-AD8131AR-REEL Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
More results

同様の説明 - AD8131_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
AD8131 AD-AD8131 Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_15 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com