データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8139 データシート(PDF) 2 Page - Analog Devices

部品番号 AD8139
部品情報  Low Noise, Rail-to-Rail, Differential ADC Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8139 データシート(HTML) 2 Page - Analog Devices

  AD8139_15 Datasheet HTML 1Page - Analog Devices AD8139_15 Datasheet HTML 2Page - Analog Devices AD8139_15 Datasheet HTML 3Page - Analog Devices AD8139_15 Datasheet HTML 4Page - Analog Devices AD8139_15 Datasheet HTML 5Page - Analog Devices AD8139_15 Datasheet HTML 6Page - Analog Devices AD8139_15 Datasheet HTML 7Page - Analog Devices AD8139_15 Datasheet HTML 8Page - Analog Devices AD8139_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
IMPORTANT LINKS for the AD8139*
Last content update 10/24/2013 10:44 am
SIMILAR PRODUCTS & PARAMETRIC SELECTION TABLES
Find Similar Products By Operating Parameters
High Speed Amplifiers Selection Table
ADA4932-1: (single) and ADA4932-2: (dual): Low Cost / Low Power
Differential ADC Driver
ADA4937-1: (single) and ADA4937-2: (dual): Ultralow Distortion
Differential ADC Driver
ADA4938-1: (single) and ADA4938-2: (dual): Ultralow Distortion
Differential ADC Driver
ADA4927-1: (single) and ADA4927-2: (dual): Ultralow Distortion
Current Feedback Differential ADC Driver
ADA4930-1: (single) and ADA4930-2: (dual): Ultralow Noise Drivers
for Low Voltage ADCs
DOCUMENTATION
AN-1026: High Speed Differential ADC Driver Design Considerations
AN-0990: Terminating a Differential Amplifier in Single-Ended Input
Applications
AN-0992: Active Filter Evaluation Board for Differential Amplifiers
AN-649: Using the Analog Devices Active Filter Design Tool
AN-584: Using the AD813X Differential Amplifier
MT-218: Multiple Feedback Band-Pass Design Example
MT-076: Differential Driver Analysis
MT-075: Differential Drivers for High Speed ADCs Overview
A Stress-Free Method for Choosing High-Speed Op Amps
UG-474: Evaluation Board for Differential Amplifiers Offered in 8-Lead
SOIC Packages
UG-190: Differential Amplifier Evaluation Board for Single 8-lead
LFCSP Packages
UG-130: Differential Amplifier Evaluation Board for 8-lead SOIC and
MSOP Packages
Ask The Application Engineer 36, Wideband A/D Converter Front-End
Design Considerations II: Amplifier-or Transformer Drive for the ADC?
“Rules of the Road” for High-Speed Differential ADC Drivers
AD8139/AD8137: Differential Amplifiers For ADC Driving
EVALUATION KITS & SYMBOLS & FOOTPRINTS
View the Evaluation Boards and Kits page for documentation and
purchasing
Symbols and Footprints
DESIGN TOOLS, MODELS, DRIVERS & SOFTWARE
Analog Filter Wizard 2.0
ADI DiffAmpCalc™
AD8139 SPICE Macro Model, Rev 0,
DESIGN COLLABORATION COMMUNITY
Collaborate Online with the ADI support team and other designers
about select ADI products.
Follow us on Twitter: www.twitter.com/ADI_News
Like us on Facebook: www.facebook.com/AnalogDevicesInc
DESIGN SUPPORT
Submit your support request here:
Linear and Data Converters
Embedded Processing and DSP
Telephone our Customer Interaction Centers toll free:
Americas:
1-800-262-5643
Europe:
00800-266-822-82
China:
4006-100-006
India:
1800-419-0108
Russia:
8-800-555-45-90
Quality and Reliability
Lead(Pb)-Free Data
SAMPLE & BUY
AD8139
View Price & Packaging
Request Evaluation Board
Request Samples
Check Inventory & Purchase
Find Local Distributors
* This page was dynamically generated by Analog Devices, Inc. and inserted into this data sheet.
Note: Dynamic changes to the content on this page (labeled 'Important Links') does not
constitute a change to the revision number of the product data sheet.
This content may be frequently modified.


同様の部品番号 - AD8139_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
More results

同様の説明 - AD8139_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LTC6405CUD LINER-LTC6405CUD Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LTC6405 LINER-LTC6405_15 Datasheet
442Kb / 26P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifier/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
   3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
   2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
ADA4899-1 LINER-ADA4899-1 Datasheet
250Kb / 4P
   Rail-to-Rail SAR ADC Driver Amplifier
logo
Texas Instruments
THS4520-DIE TI1-THS4520-DIE Datasheet
96Kb / 5P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com