データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8148 データシート(PDF) 6 Page - Analog Devices

部品番号 AD8148
部品情報  Triple Differential Driver for Wideband Video
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8148 データシート(HTML) 6 Page - Analog Devices

Back Button AD8148_15 Datasheet HTML 2Page - Analog Devices AD8148_15 Datasheet HTML 3Page - Analog Devices AD8148_15 Datasheet HTML 4Page - Analog Devices AD8148_15 Datasheet HTML 5Page - Analog Devices AD8148_15 Datasheet HTML 6Page - Analog Devices AD8148_15 Datasheet HTML 7Page - Analog Devices AD8148_15 Datasheet HTML 8Page - Analog Devices AD8148_15 Datasheet HTML 9Page - Analog Devices AD8148_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8146/AD8147/AD8148
Data Sheet
Rev. B | Page 6 of 24
Parameter
Conditions
Min
Typ
Max
Unit
VOCM INPUT CHARACTERISTICS (AD8146
ONLY)
Input Voltage Range
±1.2
V
Input Resistance
12.5
kΩ
Input Offset Voltage
−36
+36
mV
DC CMRR
ΔVO, dm/ΔVOCM; ΔVOCM = ±1 V
−42
dB
SYNC DYNAMIC PERFORMANCE (AD8147/
AD8148 ONLY)
Slew Rate
VOUT, cm = −1 V to +1 V; 25% to 75%
800
V/µs
HSYNC AND VSYNC INPUTS (AD8147/AD8148
ONLY)
Low-to-High Threshold
1.3 to 1.5
V
High-to-Low Threshold
1.3 to 1.5
V
SYNC LEVEL INPUT (AD8147/AD8148 ONLY)
Setting to 0.5 V Pulse Levels
0.5
V
Gain to Red Common-Mode Output
ΔVO, cm/ΔVSYNC LEVEL, AD8147/AD8148
0.88/0.92
1.07/1.04
V/V
Gain to Green Common-Mode Output
ΔVO, cm/ΔVSYNC LEVEL, AD8147/AD8148
1.83/1.85
2.08/2.00
V/V
Gain to Blue Common-Mode Output
ΔVO, cm/ΔVSYNC LEVEL, AD8147/AD8148
−1.07/−1.04
−0.88/−0.92
V/V
POWER SUPPLY
Operating Range
+4.5
±5.5
V
Quiescent Current Positive Supply
AD8146/AD8147/AD8148
50/55.5/ 54
mA
Disable
AD8146
4
mA
AD8147/AD8148
12
mA
Quiescent Current Negative Supply
AD8146/AD8147/AD8148
−50/−55/−53
mA
Disabled
AD8146/AD8147/ AD8148
−14/−18.2/−15
mA
PSRR
ΔVOUT, dm/ΔVS; ΔVS = ±1 V,
AD8146/AD8147/AD8148
−70/−52/-60
dB
OUTPUT PULL-DOWN
OPD Input Low Voltage
1.0
V
OPD Input High Voltage
2.0
V
OPD Input Bias Current
160
µA
OPD Assert Time
600
ns
OPD Deassert Time
10
ns
Output Voltage When OPD Asserted
Each output, OPD input @ VS+
−1.6
V


同様の部品番号 - AD8148_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8148ACPZ-R2 AD-AD8148ACPZ-R2 Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
AD8148ACPZ-R7 AD-AD8148ACPZ-R7 Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
AD8148ACPZ-RL AD-AD8148ACPZ-RL Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
More results

同様の説明 - AD8148_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8146 AD-AD8146_15 Datasheet
543Kb / 24P
   Triple Differential Driver for Wideband Video
REV. B
AD8146 AD-AD8146 Datasheet
584Kb / 24P
   Triple Differential Driver for Wideband Video
REV. 0
AD8147 AD-AD8147_15 Datasheet
543Kb / 24P
   Triple Differential Driver for Wideband Video
REV. B
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Unisonic Technologies
VF8418 UTC-VF8418_15 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER
logo
Sanyo Semicon Device
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
logo
Agamem Microelectronic ...
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
   TRIPLE CHANNEL VIDEO DRIVER
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
IC-Haus GmbH
IC-HE ICHAUS-IC-HE Datasheet
371Kb / 6P
   TRIPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com