データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8152 データシート(PDF) 7 Page - Analog Devices

部品番号 AD8152
部品情報  Asynchronous Digital Crosspoint Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8152 データシート(HTML) 7 Page - Analog Devices

Back Button AD8152_15 Datasheet HTML 3Page - Analog Devices AD8152_15 Datasheet HTML 4Page - Analog Devices AD8152_15 Datasheet HTML 5Page - Analog Devices AD8152_15 Datasheet HTML 6Page - Analog Devices AD8152_15 Datasheet HTML 7Page - Analog Devices AD8152_15 Datasheet HTML 8Page - Analog Devices AD8152_15 Datasheet HTML 9Page - Analog Devices AD8152_15 Datasheet HTML 10Page - Analog Devices AD8152_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
REV. A
AD8152
–7–
Ball Mnemonic Type
Description
V9
OUT23P
I/O
High Speed Output
V10 OUT24N
I/O
High Speed Output Complement
V11 OUT26P
I/O
High Speed Output
V12 OUT27N
I/O
High Speed Output Complement
V13 OUT29P
I/O
High Speed Output
V14 OUT30N
I/O
High Speed Output Complement
V15 OUT32P
I/O
High Speed Output
V16 OUT33N
I/O
High Speed Output Complement
V17 VEE
Power
Negative Supply
V18 VEE
Power
Negative Supply
V19 VEE
Power
Negative Supply
V20 VEE
Power
Negative Supply
W1
VEE
Power
Negative Supply
W2
VEE
Power
Negative Supply
W3
VEE
Power
Negative Supply
W4
VCC
Power
Positive Supply
W5
VTTO
Power
Output Termination Supply
W6
OUT19N
I/O
High Speed Output Complement
W7
VTTO
Power
Output Termination Supply
W8
OUT22N
I/O
High Speed Output Complement
W9
VTTO
Power
Output Termination Supply
W10 OUT25N
I/O
High Speed Output Complement
W11 VCC
Power
Positive Supply
W12 OUT28N
I/O
High Speed Output Complement
W13 VTTO
Power
Output Termination Supply
W14 OUT31N
I/O
High Speed Output Complement
Ball Mnemonic Type
Description
W15 VTTO
Power
Output Termination Supply
W16 VCC
Power
Positive Supply
W17 VEE
Power
Negative Supply
W18 VEE
Power
Negative Supply
W19 VEE
Power
Negative Supply
W20 VEE
Power
Negative Supply
Y1
VEE
Power
Negative Supply
Y2
VEE
Power
Negative Supply
Y3
VEE
Power
Negative Supply
Y4
VCC
Power
Positive Supply
Y5
VTTO
Power
Output Termination Supply
Y6
OUT19P
I/O
High Speed Output
Y7
VTTO
Power
Output Termination Supply
Y8
OUT22P
I/O
High Speed Output
Y9
VTTO
Power
Output Termination Supply
Y10 OUT25P
I/O
High Speed Output
Y11 VCC
Power
Positive Supply
Y12 OUT28P
I/O
High Speed Output
Y13 VTTO
Power
Output Termination Supply
Y14 OUT31P
I/O
High Speed Output
Y15 VTTO
Power
Output Termination Supply
Y16 VCC
Power
Positive Supply
Y17 VEE
Power
Negative Supply
Y18 VEE
Power
Negative Supply
Y19 VEE
Power
Negative Supply
Y20 VEE
Power
Negative Supply
BALL GRID DESCRIPTIONS (continued)


同様の部品番号 - AD8152_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8152-EVAL AD-AD8152-EVAL Datasheet
1Mb / 32P
   34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8152JBP AD-AD8152JBP Datasheet
1Mb / 32P
   34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
More results

同様の説明 - AD8152_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8152 AD-AD8152 Datasheet
1Mb / 32P
   34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
logo
Vitesse Semiconductor C...
VSC3140 VITESSE-VSC3140 Datasheet
165Kb / 2P
   3.6Gb/s 144x144 Asynchronous Crosspoint Switch
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC830 VITESSE-VSC830 Datasheet
182Kb / 18P
   2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
   6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
VSC3040 VITESSE-VSC3040 Datasheet
561Kb / 2P
   11 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3139 VITESSE-VSC3139 Datasheet
1Mb / 2P
   4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch
VSC3144 VITESSE-VSC3144 Datasheet
466Kb / 2P
   6.5 Gbps 144 횞 144 Asynchronous Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com