データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8220 データシート(PDF) 10 Page - Analog Devices

部品番号 AD8220
部品情報  JFET Input Instrumentation Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8220 データシート(HTML) 10 Page - Analog Devices

Back Button AD8220_15 Datasheet HTML 6Page - Analog Devices AD8220_15 Datasheet HTML 7Page - Analog Devices AD8220_15 Datasheet HTML 8Page - Analog Devices AD8220_15 Datasheet HTML 9Page - Analog Devices AD8220_15 Datasheet HTML 10Page - Analog Devices AD8220_15 Datasheet HTML 11Page - Analog Devices AD8220_15 Datasheet HTML 12Page - Analog Devices AD8220_15 Datasheet HTML 13Page - Analog Devices AD8220_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8220
Rev. B | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
0
CMRR (µV/V)
1200
1000
800
600
400
200
–40
–20
0
20
40
Figure 5. Typical Distribution of CMRR (G = 1)
0
VOSI (µV)
1000
800
600
400
200
–200
–100
0
100
200
Figure 6. Typical Distribution of Input Offset Voltage
0
VOSO (µV)
1000
800
600
400
200
–1000
–500
0
500
1000
Figure 7. Typical Distribution of Output Offset Voltage
0
IBIAS (pA)
1600
1400
1200
1000
800
600
400
200
0
1
2
3
4
5
Figure 8. Typical Distribution of Input Bias Current
0
IOS (pA)
1200
1000
800
600
400
200
–0.2
–0.1
0
0.1
0.2
Figure 9. Typical Distribution of Input Offset Current
1000
1
1100k
FREQUENCY (Hz)
10
100
1k
10k
10
100
GAIN = 100 BANDWIDTH ROLL-OFF
GAIN = 1
GAIN = 10
GAIN = 100/GAIN = 1000
GAIN = 1000 BANDWIDTH ROLL-OFF
Figure 10. Voltage Spectral Density vs. Frequency


同様の部品番号 - AD8220_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8220 AD-AD8220_16 Datasheet
610Kb / 29P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
More results

同様の説明 - AD8220_15

メーカー部品番号データシート部品情報
logo
Linear Technology
LT1102 LINER-LT1102_15 Datasheet
192Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier
logo
Analog Devices
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224 AD-AD8224_16 Datasheet
763Kb / 29P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
AD8224ACPZ-R7 AD-AD8224ACPZ-R7 Datasheet
838Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
AD8224 AD-AD8224_15 Datasheet
720Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. C
AD8224 AD-AD8224 Datasheet
1Mb / 27P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Rev. PrB
AD8220 AD-AD8220 Datasheet
1Mb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. 0
logo
Linear Technology
LT1102 LINER-LT1102_07 Datasheet
183Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
logo
Analog Devices
AD8220ARMZ AD-AD8220ARMZ Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
logo
Linear Technology
LT1102 LINER-LT1102 Datasheet
568Kb / 8P
   High Speed, Precision, JFET Input Instrumentation Amplifier(Fixed Gain=10 or 100)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com