データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8307 データシート(PDF) 1 Page - Analog Devices

部品番号 AD8307
部品情報  Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8307 データシート(HTML) 1 Page - Analog Devices

  AD8307_15 Datasheet HTML 1Page - Analog Devices AD8307_15 Datasheet HTML 2Page - Analog Devices AD8307_15 Datasheet HTML 3Page - Analog Devices AD8307_15 Datasheet HTML 4Page - Analog Devices AD8307_15 Datasheet HTML 5Page - Analog Devices AD8307_15 Datasheet HTML 6Page - Analog Devices AD8307_15 Datasheet HTML 7Page - Analog Devices AD8307_15 Datasheet HTML 8Page - Analog Devices AD8307_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Cost, DC to 500 MHz, 92 dB
Logarithmic Amplifier
AD8307
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1997–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Complete multistage logarithmic amplifier
92 dB dynamic range: –75 dBm to +17 dBm
to –90 dBm using matching network
Single supply of 2.7 V minimum at 7.5 mA typical
DC to 500 MHz operation,
±1 dB linearity
Slope of 25 mV/dB, intercept of −84 dBm
Highly stable scaling over temperature
Fully differential dc-coupled signal path
100 ns power-up time, 150 μA sleep current
APPLICATIONS
Conversion of signal level to decibel form
Transmitter antenna power measurement
Receiver signal strength indication (RSSI)
Low cost radar and sonar signal processing
Network and spectrum analyzers (to 120 dB)
Signal level determination down to 20 Hz
True decibel ac mode for multimeters
FUNCTIONAL BLOCK DIAGRAM
BAND GAP REFERENCE
AND BIASING
SIX 14.3dB 900MHz
AMPLIFIER STAGES
MIRROR
INPUT-OFFSET
COMPENSATION LOOP
COM
INM
INP
ENB
VPS
INT
OUT
OFS
AD8307
7.5mA
1.1kΩ
3
2
2µA
/dB
12.5kΩ
COM
NINE DETECTOR CELLS
SPACED 14.3dB
–INP
+INP
8
1
2
7
5
6
4
3
Figure 1.
GENERAL DESCRIPTION
The AD8307 is the first logarithmic amplifier made available in
an 8-lead (SOIC_N) package. It is a complete 500 MHz monolithic
demodulating logarithmic amplifier based on the progressive
compression (successive detection) technique, providing a
dynamic range of 92 dB to ±3 dB law-conformance and 88 dB
to a tight ±1 dB error bound at all frequencies up to 100 MHz.
It is extremely stable and easy to use, requiring no significant
external components. A single-supply voltage of 2.7 V to 5.5 V
at 7.5 mA is needed, corresponding to an unprecedented power
consumption of only 22.5 mW at 3 V. A fast acting CMOS-
compatible control pin can disable the AD8307 to a standby
current of less than 150 μA.
Each of the cascaded amplifier/limiter cells has a small signal
gain of 14.3 dB, with a −3 dB bandwidth of 900 MHz. The input
is fully differential and at a moderately high impedance (1.1 kΩ
i
n parallel with about 1.4 pF). The AD8307 provides a basic
dynamic range extending from approximately −75 dBm (where
dBm refers to a 50 Ω source, that is, a sine amplitude of about
±56 μV) up to +17 dBm (a sine amplitude of ±2.2 V). A simple
input matching network can lower this range to –88 dBm to
+3 dBm. The logarithmic linearity is typically within ±0.3 dB up
to 100 MHz over the central portion of this range, and degrades
only slightly at 500 MHz. There is no minimum frequency limit.
The AD8307 can be used at audio frequencies of 20 Hz or lower.
The output is a voltage scaled 25 mV/dB, generated by a current
of nominally 2 μA/dB through an internal 12.5 kΩ resistor. This
voltage varies from 0.25 V at an input of −74 dBm (that is, the
ac intercept is at −84 dBm, a 20 μV rms sine input), up to 2.5 V
for an input of +16 dBm. This slope and intercept can be trimmed
using external adjustments. Using a 2.7 V supply, the output
scaling can be lowered, for example to 15 mV/dB, to permit
utilization of the full dynamic range.
The AD8307 exhibits excellent supply insensitivity and temperature
stability of the scaling parameters. The unique combination of
low cost, small size, low power consumption, high accuracy and
stability, very high dynamic range, and a frequency range
encompassing audio through IF to UHF makes this product
useful in numerous applications requiring the reduction of a
signal to its decibel equivalent.
The AD8307 operates over the industrial temperature range of
−40°C to +85°C, and is available in 8-lead SOIC and 8-lead
PDIP packages.


同様の部品番号 - AD8307_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8307-EB AD-AD8307-EB Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307AN AD-AD8307AN Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307AN AD-AD8307AN Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307ANZ AD-AD8307ANZ Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307AR AD-AD8307AR Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
More results

同様の説明 - AD8307_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8307 AD-AD8307 Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8310 AD-AD8310_15 Datasheet
393Kb / 24P
   Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310 AD-AD8310 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8330 AD-AD8330_06 Datasheet
728Kb / 32P
   Low Cost DC to 150 MHz Variable Gain Amplifier
REV. C
AD8330 AD-AD8330_08 Datasheet
1Mb / 36P
   Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com