データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8337 データシート(PDF) 6 Page - Analog Devices

部品番号 AD8337
部品情報  General-Purpose, Low Cost, DC-Coupled VGA
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8337 データシート(HTML) 6 Page - Analog Devices

Back Button AD8337_15 Datasheet HTML 2Page - Analog Devices AD8337_15 Datasheet HTML 3Page - Analog Devices AD8337_15 Datasheet HTML 4Page - Analog Devices AD8337_15 Datasheet HTML 5Page - Analog Devices AD8337_15 Datasheet HTML 6Page - Analog Devices AD8337_15 Datasheet HTML 7Page - Analog Devices AD8337_15 Datasheet HTML 8Page - Analog Devices AD8337_15 Datasheet HTML 9Page - Analog Devices AD8337_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD8337
Rev. C | Page 6 of
32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
4
3
2
INPN
VOUT
VCOM
INPP
PIN 1
AD8337
VPOS
PRAO
VNEG
GAIN
8
7
6
5
TOP VIEW
(Not to Scale)
NOTES
1. FOR BEST THERMAL PERFORMANCE, EXPOSED PAD
MUST BE SOLDERED TO PCB.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
VGA Output.
2
VCOM
Common Ground When Using Plus and Minus Supply Voltages. For single-supply operation, provide half the
positive supply voltage at the VPOS pin to VCOM pin.
3
INPP
Positive Input to Preamplifier.
4
INPN
Negative Input to Preamplifier.
5
PRAO
Preamplifier Output.
6
VNEG
Negative Supply (−VPOS for Dual-Supply; GND for Single-Supply).
7
GAIN
Gain Control Input Centered at VCOM.
8
VPOS
Positive Supply.
EP
Exposed Pad
For best thermal performance, exposed pad must be soldered to PCB.


同様の部品番号 - AD8337_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
More results

同様の説明 - AD8337_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. B
AD8337 AD-AD8337 Datasheet
773Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. A
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
AD8336 AD-AD8336_17 Datasheet
782Kb / 27P
   General-Purpose Wide Bandwidth, DC-Coupled VGA
AD8336 AD-AD8336 Datasheet
1Mb / 28P
   General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
REV. 0
logo
List of Unclassifed Man...
TVGA9000 ETC1-TVGA9000 Datasheet
836Kb / 12P
   LOW COST VGA CONTROLLER
TVGA9000C ETC1-TVGA9000C Datasheet
1Mb / 22P
   LOW COST VGA CONTROLLER
logo
AVAGO TECHNOLOGIES LIMI...
AT-41586 AVAGO-AT-41586 Datasheet
152Kb / 5P
   Low Cost General Purpose Transistors
logo
Agilent(Hewlett-Packard...
AT-41586 HP-AT-41586 Datasheet
76Kb / 5P
   Low Cost General Purpose Transistors
AT41586 HP-AT41586 Datasheet
61Kb / 6P
   Low Cost General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com