データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8343 データシート(PDF) 6 Page - Analog Devices

部品番号 AD8343
部品情報  DC-to-2.5 GHz High IP3 Active Mixer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8343 データシート(HTML) 6 Page - Analog Devices

Back Button AD8343_15 Datasheet HTML 2Page - Analog Devices AD8343_15 Datasheet HTML 3Page - Analog Devices AD8343_15 Datasheet HTML 4Page - Analog Devices AD8343_15 Datasheet HTML 5Page - Analog Devices AD8343_15 Datasheet HTML 6Page - Analog Devices AD8343_15 Datasheet HTML 7Page - Analog Devices AD8343_15 Datasheet HTML 8Page - Analog Devices AD8343_15 Datasheet HTML 9Page - Analog Devices AD8343_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD8343
Rev. B | Page 6 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
14
13
12
11
10
9
8
1
2
3
4
5
6
7
COMM
INPP
INPM
DCPL
VPOS
PWDN
COMM
COMM
OUTP
OUTM
COMM
LOIP
LOIM
COMM
AD8343
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 7, 8, 11, 14
COMM
Connect to low impedance circuit ground.
2
INPP
Differential Input Pin. This pin needs to be dc-biased and typically ac-coupled; see Figure 3.
3
INPM
Differential Input Pin. This pin needs to be dc-biased and typically ac-coupled; see Figure 3.
4
DCPL
Bias rail decoupling capacitor connection for LO driver; see Figure 6.
5
VPOS
Positive Supply Voltage (VS), 4.5 V to 5.5 V. Ensure adequate supply bypassing for proper device operation as
shown in the Applications section.
6
PWDN
Power-Down Interface. Connect pin to ground for normal operating mode. Connect pin to supply for power-
down mode; see Figure 5.
9
LOIM
Differential Local Oscillator (LO) Input Pin. Typically ac-coupled; see Figure 4.
10
LOIP
Differential Local Oscillator (LO) Input Pin. Typically ac-coupled; see Figure 4.
12
OUTM
Open-Collector Differential Output Pin. This pin needs to be dc-biased and (usually) ac-coupled; see Figure 3.
13
OUTP
Open-Collector Differential Output Pin. This pin needs to be dc-biased and (usually) ac-coupled; see Figure 3.


同様の部品番号 - AD8343_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8343-EVAL AD-AD8343-EVAL Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
AD8343ARU AD-AD8343ARU Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
AD8343ARU-REEL AD-AD8343ARU-REEL Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
AD8343ARU-REEL7 AD-AD8343ARU-REEL7 Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
More results

同様の説明 - AD8343_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8343 AD-AD8343 Datasheet
394Kb / 27P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. 0
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
   High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
logo
Qorvo, Inc
CMD253C3 QORVO-CMD253C3 Datasheet
243Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
logo
Custom MMIC Design Serv...
CMD253C3 MMIC-CMD253C3 Datasheet
243Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD254C3 QORVO-CMD254C3 Datasheet
247Kb / 11P
   11-21 GHz High IP3 Fundamental Mixer
logo
Analog Devices
ADL5802 AD-ADL5802 Datasheet
376Kb / 8P
   Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
logo
Custom MMIC Design Serv...
CMD255C3 MMIC-CMD255C3 Datasheet
245Kb / 11P
   16-26 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD255C3 QORVO-CMD255C3 Datasheet
245Kb / 11P
   16-26 GHz High IP3 Fundamental Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com