データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8345 データシート(PDF) 3 Page - Analog Devices

部品番号 AD8345
部品情報  140 MHz to 1000 MHz Quadrature Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8345 データシート(HTML) 3 Page - Analog Devices

  AD8345_15 Datasheet HTML 1Page - Analog Devices AD8345_15 Datasheet HTML 2Page - Analog Devices AD8345_15 Datasheet HTML 3Page - Analog Devices AD8345_15 Datasheet HTML 4Page - Analog Devices AD8345_15 Datasheet HTML 5Page - Analog Devices AD8345_15 Datasheet HTML 6Page - Analog Devices AD8345_15 Datasheet HTML 7Page - Analog Devices AD8345_15 Datasheet HTML 8Page - Analog Devices AD8345_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8345
Rev. B | Page 3 of 20
SPECIFICATIONS
VS = 5 V; LO = −2 dBm @ 800 MHz; 50 Ω source and load impedances; I and Q inputs 0.7 V ±0.3 V on each side for a 1.2 V p-p
differential input, I and Q inputs driven in quadrature @ 1 MHz baseband frequency. TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RF OUTPUT
Operating Frequency1
140
1000
MHz
Output Power
0.5
dBm
140 MHz
0.5
dBm
220 MHz
−3
−1
+2
dBm
800 MHz
Output P1dB
2.5
dBm
Noise Floor
−155
dBm/Hz
20 MHz offset from LO, all BB inputs at 0.7 V
Quadrature Error
0.5
Degree rms
CDMA IS95 setup (see Figure 38)
I/Q Amplitude Balance
0.2
dB
CDMA IS95 setup (see Figure 38)
LO Leakage
−41
dBm
140 MHz
−40
dBm
220 MHz
−42
−33
dBm
800 MHz
Sideband Rejection
−33
dBc
140 MHz
−48
−40
dBc
220 MHz
−42
−34
dBc
800 MHz
Third Order Distortion
−52
dBc
Second Order Distortion
−60
dBc
Equivalent Output IP3
25
dBm
Equivalent Output IP2
59
dBm
Output Return Loss (S22)
−20
dB
RESPONSE TO CDMA IS95
See Figure 38
BASEBAND SIGNALS
ACPR
−72
dBc
EVM
1.3
%
Rho
0.9995
LO INPUT
LO Drive level
−10
−2
0
dBm
LOIP Input Return Loss (S11)2
−5
dB
No termination on LOIP, LOIN at ac ground
−9
dB
50 Ω terminating resistor, differential drive via balun
BASEBAND INPUTS
Input Bias Current
10
μA
Input Capacitance
2
pF
DC Common Level
0.6
0.7
0.8
V
Bandwidth (3 dB)
80
MHz
Full power (0.7 V ±0.3 V on each input, see Figure 4)
ENABLE
Turn-On
2.5
μs
Enable high to output within 0.5 dB of final value
Turn-Off
1.5
μs
Enable low to supply current dropping below 2 mA
ENBL High Threshold (Logic 1)
+VS/2
V
ENBL Low Threshold (Logic 0)
+VS/2
V
POWER SUPPLIES
Voltage
2.7
5.5
V
Current Active
50
65
78
mA
Current Standby
70
μA
1 For information on operation below 140 MHz, see Figure 29.
2 See the LO Interface section for more details on input matching.


同様の部品番号 - AD8345_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8345-EVAL AD-AD8345-EVAL Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
AD8345-EVAL AD-AD8345-EVAL Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345ARE AD-AD8345ARE Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
AD8345ARE AD-AD8345ARE Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345ARE-REEL AD-AD8345ARE-REEL Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
More results

同様の説明 - AD8345_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
List of Unclassifed Man...
STQ-1016 ETC-STQ-1016 Datasheet
146Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
   30 MHz to 2200 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com