データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8392 データシート(PDF) 6 Page - Analog Devices

部品番号 AD8392
部品情報  Low Power, High Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8392 データシート(HTML) 6 Page - Analog Devices

Back Button AD8392_15 Datasheet HTML 2Page - Analog Devices AD8392_15 Datasheet HTML 3Page - Analog Devices AD8392_15 Datasheet HTML 4Page - Analog Devices AD8392_15 Datasheet HTML 5Page - Analog Devices AD8392_15 Datasheet HTML 6Page - Analog Devices AD8392_15 Datasheet HTML 7Page - Analog Devices AD8392_15 Datasheet HTML 8Page - Analog Devices AD8392_15 Datasheet HTML 9Page - Analog Devices AD8392_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8392
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
PD (0, 0)
PD (0, 1)
OUTPUT POWER (dBm)
15
–70
–55
–50
–45
16
18
21
–65
–60
20
19
17
PD (1, 0)
CREST FACTOR = 5.45
Figure 4. MTPR vs. Output Power (1.75 MHz Empty Bin)
ADSL/ADSL2+ Circuit (Figure 32)
VS = ±12 V, RLOAD = 100 Ω, CF = 5.45
–100
–90
–80
–70
–60
–50
0.1
1
10
FREQUENCY (MHz)
HD3 PD (0, 1)
HD2 PD (0, 0)
HD2 PD (0, 1)
HD3 PD (0, 0)
HD3 PD (1, 0)
HD2 PD (1, 0)
Figure 5. Harmonic Distortion vs. Frequency
Dual Differential Driver Circuit (Figure 30)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 2 V p-p
FREQUENCY (MHz)
0.1
–120
–80
–70
–50
11
–110
–90
–100
–60
0
HD2 PD (1, 0)
HD2 PD (0, 1)
HD3 PD (0, 0)
HD3 PD (0, 1)
HD2 PD (0, 0)
HD3 PD (1, 0)
Figure 6. Harmonic Distortion vs. Frequency
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 2 V p-p
OUTPUT POWER (dBm)
550
600
650
700
750
800
850
900
950
15
16
17
18
19
20
21
PD (0, 0)
PD (1, 0)
PD (0, 1)
CREST FACTOR = 5.45
Figure 7. Power Consumption vs. Output Power (26 kHz to 2.2 MHz)
ADSL/ADSL2+ Circuit (Figure 32)
VS = ±12 V, RLOAD = 100 Ω, CF = 5.45
–100
–90
–80
–70
–60
–50
0.1
1
10
FREQUENCY (MHz)
HD3 PD (0, 0)
HD2 PD (0, 0)
HD2 PD (0, 1)
HD2 PD (1, 0)
HD3 PD (1, 0)
HD3 PD (0, 1)
Figure 8. Harmonic Distortion vs. Frequency
Dual Differential Driver Circuit (Figure 30)
VS = ±5 V, RLOAD = 100 Ω, G = +5, VOUT = 2 V p-p
FREQUENCY (MHz)
0.1
–120
–80
–70
–50
11
–110
–90
–100
–60
0
HD2 PD (1, 0)
HD2 PD (0, 1)
HD3 PD (0, 0)
HD3 PD (0, 1)
HD2 PD (0, 0)
HD3 PD (1, 0)
Figure 9. Harmonic Distortion vs. Frequency
Quad Op Amp Circuit (Figure 29)
VS = ±5 V, RLOAD = 100 Ω, G = +5, VOUT = 2 V p-p


同様の部品番号 - AD8392_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8392A AD-AD8392A Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R2 AD-AD8392AACPZ-R2 Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R2 AD-AD8392AACPZ-R2 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
AD8392AACPZ-R7 AD-AD8392AACPZ-R7 Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R7 AD-AD8392AACPZ-R7 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
More results

同様の説明 - AD8392_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8392A AD-AD8392A_15 Datasheet
553Kb / 12P
   Low Power, High Output Current
REV. 0
AD8394 AD-AD8394_15 Datasheet
67Kb / 2P
   Low Power, High Output Current
Rev. Sp0
AD8396 AD-AD8396_15 Datasheet
845Kb / 12P
   Low Power, High Output Current
REV. C
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com