データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8396 データシート(PDF) 1 Page - Analog Devices

部品番号 AD8396
部品情報  Low Power, High Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8396 データシート(HTML) 1 Page - Analog Devices

  AD8396_15 Datasheet HTML 1Page - Analog Devices AD8396_15 Datasheet HTML 2Page - Analog Devices AD8396_15 Datasheet HTML 3Page - Analog Devices AD8396_15 Datasheet HTML 4Page - Analog Devices AD8396_15 Datasheet HTML 5Page - Analog Devices AD8396_15 Datasheet HTML 6Page - Analog Devices AD8396_15 Datasheet HTML 7Page - Analog Devices AD8396_15 Datasheet HTML 8Page - Analog Devices AD8396_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Power, High Output Current,
Dual-Port ADSL/ADSL2+ Line Driver
AD8396
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2009 Analog Devices, Inc. All rights reserved.
INPA
INNA
DGND
INPB
DGND
VONA
VOPB
VONB
12
11
10
1
3
4
9
2
TOP
VIEW
AD8396
FEATURES
2 differential DSL channels comprised of current feedback,
high output current amplifiers
Integrated feedback and gain resistors
Integrated biasing network
Ideal for use as ADSL/ADSL2+ dual-channel Central Office
(CO) line drivers
Low power consumption
Dual-supply operation from ±6 V to ±12 V
Single-supply operation from 12 V to 24 V
10.8 mA quiescent supply current in full power mode
1.4 mA quiescent supply current in shutdown mode
Less than 700 mW internal power dissipation while driving
20.4 dBm line power, 1:1 transformer
High output voltage and current drive
43.4 V p-p differential output voltage
Low distortion
−66 dBc typical MTPR @ 20.4 dBm, 26 kHz to 2.2 MHz
High speed: 170 V/μs differential slew rate
APPLICATIONS
ADSL/ADSL2+ CO line drivers
GENERAL DESCRIPTION
The AD8396 is comprised of four high output current, low
power consumption operational amplifiers. It is particularly
well suited for the CO driver interface in digital subscriber line
systems, such as ADSL and ADSL2+. The driver can deliver
20.4 dBm to a line while compensating for losses due to hybrid
insertion and back-termination resistors.
The low power consumption, high output current, high output
voltage swing, and robust thermal packaging enable the AD8396 to
be used as the CO line driver in ADSL and other xDSL systems.
The AD8396 is available in a 4 mm × 4 mm 16-lead LFCSP.
PIN CONFIGURATION
Figure 1.
AV = 13
VCC
VEE
VOPA
VONA
INPA
VCOM-A
INNA
VCC
VEE
4kΩ
4kΩ
Figure 2. Channel A Internal Schematics


同様の部品番号 - AD8396_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R2 AD-AD8390AACPZ-R2 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R2 AD-AD8390AACPZ-R2 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
More results

同様の説明 - AD8396_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8392 AD-AD8392_15 Datasheet
1Mb / 16P
   Low Power, High Output Current
REV. A
AD8392A AD-AD8392A_15 Datasheet
553Kb / 12P
   Low Power, High Output Current
REV. 0
AD8394 AD-AD8394_15 Datasheet
67Kb / 2P
   Low Power, High Output Current
Rev. Sp0
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com