データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8396 データシート(PDF) 11 Page - Analog Devices

部品番号 AD8396
部品情報  Low Power, High Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8396 データシート(HTML) 11 Page - Analog Devices

Back Button AD8396_15 Datasheet HTML 4Page - Analog Devices AD8396_15 Datasheet HTML 5Page - Analog Devices AD8396_15 Datasheet HTML 6Page - Analog Devices AD8396_15 Datasheet HTML 7Page - Analog Devices AD8396_15 Datasheet HTML 8Page - Analog Devices AD8396_15 Datasheet HTML 9Page - Analog Devices AD8396_15 Datasheet HTML 10Page - Analog Devices AD8396_15 Datasheet HTML 11Page - Analog Devices AD8396_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8396
Rev. C | Page 11 of 12
OUTLINE DIMENSIONS
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGC.
1
0.65
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
0.50
0.40
0.30
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
PIN 1
INDICATOR
0.35
0.30
0.25
2.60
2.50 SQ
2.40
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 17. 16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
4 mm × 4 mm, Very Very Thin Quad
(CP-16-26)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8396ACPZ-R21
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
CP-16-26
AD8396ACPZ-RL1
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
CP-16-26
AD8396ACPZ-R71
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package (LFCSP_WQ)
CP-16-26
1 Z = RoHS Compliant Part.


同様の部品番号 - AD8396_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R2 AD-AD8390AACPZ-R2 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390AACPZ-R2 AD-AD8390AACPZ-R2 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
More results

同様の説明 - AD8396_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8392 AD-AD8392_15 Datasheet
1Mb / 16P
   Low Power, High Output Current
REV. A
AD8392A AD-AD8392A_15 Datasheet
553Kb / 12P
   Low Power, High Output Current
REV. 0
AD8394 AD-AD8394_15 Datasheet
67Kb / 2P
   Low Power, High Output Current
Rev. Sp0
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
AD8390AACPZ-R7 AD-AD8390AACPZ-R7 Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com