データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8397 データシート(PDF) 11 Page - Analog Devices

部品番号 AD8397
部品情報  Rail-to-Rail, High Output Current Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8397 データシート(HTML) 11 Page - Analog Devices

Back Button AD8397_15 Datasheet HTML 7Page - Analog Devices AD8397_15 Datasheet HTML 8Page - Analog Devices AD8397_15 Datasheet HTML 9Page - Analog Devices AD8397_15 Datasheet HTML 10Page - Analog Devices AD8397_15 Datasheet HTML 11Page - Analog Devices AD8397_15 Datasheet HTML 12Page - Analog Devices AD8397_15 Datasheet HTML 13Page - Analog Devices AD8397_15 Datasheet HTML 14Page - Analog Devices AD8397_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8397
Rev. A | Page 11 of 16
APPLICATIONS INFORMATION
The AD8397 is a voltage feedback operational amplifier that
features an H-bridge input stage and common-emitter, rail-to-rail
output stage. The AD8397 can operate from a wide supply range,
±1.5 V to ±12 V. When driving light loads, the rail-to-rail output is
capable of swinging to within 0.2 V of either rail. The output can
also deliver high linear output current when driving heavy loads,
up to 310 mA into 32 Ω while maintaining −80 dBc SFDR. The
AD8397 is fabricated on Analog Devices proprietary XFCB-HV.
POWER SUPPLY AND DECOUPLING
The AD8397 can be powered with a good quality, well-regulated,
low noise supply from ±1.5 V to ±12 V. Pay careful attention to
decoupling the power supply. Use high quality capacitors with
low equivalent series resistance (ESR), such as multilayer
ceramic capacitors (MLCCs), to minimize the supply voltage
ripple and power dissipation. Locate a 0.1 μF MLCC decoupling
capacitor(s) no more than 1/8 inch away from the power supply
pin(s). A large tantalum 10 μF to 47 μF capacitor is recommended
to provide good decoupling for lower frequency signals and to
supply current for fast, large signal changes at the AD8397 outputs.
LAYOUT CONSIDERATIONS
As with all high speed applications, pay careful attention to
printed circuit board (PCB) layout to prevent associated board
parasitics from becoming problematic. The PCB should have a
low impedance return path (or ground) to the supply. Removing
the ground plane from all layers in the immediate area of the
amplifier helps to reduce stray capacitances. The signal routing
should be short and direct in order to minimize the parasitic
inductance and capacitance associated with these traces. Locate
termination resistors and loads as close as possible to their
respective inputs and outputs. Keep input traces as far apart as
possible from the output traces to minimize coupling (crosstalk)
though the board.
When the AD8397 is configured as a differential driver, as in
some line driving applications, provide a symmetrical layout to
the extent possible in order to maximize balanced performance.
When running differential signals over a long distance, the traces
on the PCB should be close together or any differential wiring
should be twisted together to minimize the area of the inductive
loop that is formed. This reduces the radiated energy and makes
the circuit less susceptible to RF interference. Adherence to
stripline design techniques for long signal traces (greater than
approximately 1 inch) is recommended.
UNITY-GAIN OUTPUT SWING
When operating the AD8397 in a unity-gain configuration,
the output does not swing to the rails and is constrained by
the H-bridge input. This can be seen by comparing the output
overdrive recovery in Figure 7 and the input overdrive recovery in
Figure 22. To avoid overdriving the input and to realize the full
swing afforded by the rail-to-rail output stage, use the amplifier
in a gain of two or greater.
INPUT
OUTPUT
7
–1
0
1
0
80
160
240
320
400
TIME (ns)
480
560
640
720
800
2
3
4
5
6
Figure 22. Unity-Gain Input Overdrive Recovery


同様の部品番号 - AD8397_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8397ARDZ AD-AD8397ARDZ Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
AD8397ARDZ-REEL AD-AD8397ARDZ-REEL Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
AD8397ARDZ-REEL7 AD-AD8397ARDZ-REEL7 Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
AD8397ARZ AD-AD8397ARZ Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
AD8397ARZ-REEL AD-AD8397ARZ-REEL Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
More results

同様の説明 - AD8397_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8397 AD-AD8397 Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
   Rail-to-rail, high output current dual operational amplifier
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
   Rail-to-rail high output current dual operational amplifier
TS924 STMICROELECTRONICS-TS924_05 Datasheet
385Kb / 14P
   Rail-to-rail High Output Current Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com