データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1005-HF データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 2SD1005-HF
部品情報  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1005-HF データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1005-HF_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1005-HF_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1005-HF_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Features
World standard miniature package: SOT-89.
High collector to base voltage: VCBO 100V.
Excellent dc current gain linearity: hFE=80TYP. (VCE=2V, IC=500mA).
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
v
e
s
a
b
-r
o
t
c
e
ll
o
C
CBO
100
V
V
e
g
a
tl
o
v
r
e
tt
i
m
e
-r
o
t
c
e
ll
o
C
CEO
80
V
V
e
g
a
tl
o
v
e
s
a
b
-r
e
tt
i
m
E
EBO
5
V
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
C
1
A
I
*
)
e
s
l
u
p
(
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
C
1.5
A
Total power dissipation
at 25 ambient temperature *
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
J
j
150
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +150
*1. PW 10ms,duty cycle
*2. When mounted on ceramic substrate of 16cm2 X 0.7mm
PT
2
W
Electrical Characteristics Ta = 25
*. PW 350us,duty cycle 2%
hFE Classification(1)
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
50%
Type
2SD1005-W-HF 2SD1005-V-HF 2SD1005-U-HF
Range
90-180
135-270
200-400
Marking
BW F
BV F
BU F
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
100
Collector- emitter breakdown voltage
VCEO
Ic=1 mA, IB= 0
80
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 100 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage *
VCE(sat) IC=500 mA, IB=50mA
0.5
Base - emitter saturation voltage *
VBE(sat) IC=500 mA, IB=50mA
1.5
Base - emitter voltage *
VBE
VCE= 10V, IC= 10mA
0.6
0.7
VCE= 2V, IC= 100mA
90
200
VCE= 2V, IC= 500mA
45
200
Collector output capacitance
Cob
VCB= 10V, IE=0,f=1MHz
12
pF
Transition frequency
fT
VCE= 5 V, IE=-10mA
160
MHz
DC current gain *
hFE
V
uA
V
400
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
NPN Transistors
2SD1005-HF


同様の部品番号 - 2SD1005-HF_15

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SD1005-U KEXIN-2SD1005-U Datasheet
1Mb / 3P
   NPN Transistors
logo
Micro Commercial Compon...
2SD1005-U MCC-2SD1005-U Datasheet
330Kb / 2P
   NPN Silicon Power Transistors
logo
Guangdong Kexin Industr...
2SD1005-V KEXIN-2SD1005-V Datasheet
1Mb / 3P
   NPN Transistors
logo
Micro Commercial Compon...
2SD1005-V MCC-2SD1005-V Datasheet
330Kb / 2P
   NPN Silicon Power Transistors
logo
Guangdong Kexin Industr...
2SD1005-W KEXIN-2SD1005-W Datasheet
1Mb / 3P
   NPN Transistors
More results

同様の説明 - 2SD1005-HF_15

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com