データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8401 データシート(PDF) 3 Page - Analog Devices

部品番号 AD8401
部品情報  8-Bit, 4-Channel Data Acquisition System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8401 データシート(HTML) 3 Page - Analog Devices

  AD8401_15 Datasheet HTML 1Page - Analog Devices AD8401_15 Datasheet HTML 2Page - Analog Devices AD8401_15 Datasheet HTML 3Page - Analog Devices AD8401_15 Datasheet HTML 4Page - Analog Devices AD8401_15 Datasheet HTML 5Page - Analog Devices AD8401_15 Datasheet HTML 6Page - Analog Devices AD8401_15 Datasheet HTML 7Page - Analog Devices AD8401_15 Datasheet HTML 8Page - Analog Devices AD8401_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DAC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
STATIC PERFORMANCE
Resolution
N
8
Bits
Total Unadjusted Error
TUE
±2
LSB
Relative Accuracy
INL
–1
+1
LSB
Differential Nonlinearity
DNL
–1
+1
LSB
Offset Error
VOSE
TA = +25°C
–2
+2
LSB
TA = Full Temp Range
–2.5
+2.5
LSB
Full-Scale Error
AE
TA = +25
°C
–3
+3
LSB
TA = Full Temp Range
–4
+4
LSB
∆Full-Scale/∆V
DD
TA = +25
°C
–0.5
+0.5
LSB
Load Regulation at Full-Scale
–0.2
+0.2
LSB
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio
SNR
44
dB
Total Harmonic Distortion
THD
48
dB
ANALOG OUTPUT
Output Voltage Range
OVR
0
+2.5
V
LOGIC INPUTS (Applies to DB0–DB7, CS, WR, RD, RS)
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.4
V
Input Leakage Current
IL
–10
10
µA
Input Capacitance
CIL
10
pF
AC CHARACTERISTICS
Voltage Output Settling Time
tS
To
±1/2 LSB of Final Value
2
4
µs
Positive Full-Scale Change
tPOS
10% to 90%
1
2
µs
Negative Full-Scale Change
tNEG
90% to 10%
2
4
µs
DAC Glitch Impulse
15
nV s
Digital Feedthrough
1
nV s
VIN to VOUT Isolation
f = 50 kHz
60
dB
POWER REQUIREMENTS
Positive Supply Current
IDD
No Load
13
mA
Specifications subject to change without notice.
(@ VDD = +5.0 V
5%, AGDAC = AGADC = 0.0 V; RL = 2 k , CL = 100 pF
to AGDAC; –40 C
≤ T
A
≤ +85 C, unless otherwise noted)
AD8401
–3–
REV. 0


同様の部品番号 - AD8401_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8401AR AD-AD8401AR Datasheet
225Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
AD8401CHIPS AD-AD8401CHIPS Datasheet
225Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
More results

同様の説明 - AD8401_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8401 AD-AD8401 Datasheet
225Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
   16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
   16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
logo
Maxim Integrated Produc...
MAX161 MAXIM-MAX161 Datasheet
342Kb / 8P
   CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
logo
Analog Devices
AD974 AD-AD974_15 Datasheet
206Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD974 AD-AD974 Datasheet
202Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
   4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com