データシートサーチシステム |
|
AD8570 データシート(PDF) 1 Page - Analog Devices |
|
AD8570 データシート(HTML) 1 Page - Analog Devices |
1 / 12 page a AD8568/AD8569/AD8570 REV. C Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 © 2003 Analog Devices, Inc. All rights reserved. 16 V Rail-to-Rail Buffer Amplifiers PIN CONFIGURATIONS 6-Lead SOT-23 (RT Suffix) GND IN B 3 4 IN A V+ 2 5 OUT A OUT B 1 6 AD8568 10-Lead MSOP (RM Suffix) 56 IN A V+ IN B OUT C IN D GND IN C OUT D 2 9 3 8 4 7 1 10 AD8569 OUT B OUT A 32-Lead LFCSP (CP Suffix) PIN 1 INDICATOR TOP VIEW 24 GND 23 NC 22 OUT C 21 OUT D V+ 1 NC 2 IN C 3 20 OUT E 19 OUT F 18 NC 17 GND IN D 4 IN E 5 IN F 6 NC 7 V+ 8 AD8570 NC = NO CONNECT 20-Lead TSSOP 20 19 18 17 16 15 14 13 12 11 OUT 8 OUT 7 V– OUT 2 V– OUT 3 OUT 6 OUT 5 OUT 4 OUT 1 AD8570-ARU TOP VIEW 1 2 3 4 5 6 7 8 9 10 IN 8 IN 7 V+ IN 2 V+ IN 3 IN 6 IN 5 IN 4 IN 1 FEATURES Single-Supply Operation: 4.5 V to 16 V Input Capability Beyond the Rails Rail-to-Rail Output Swing Continuous Output Current: 35 mA Peak Output Current: 250 mA Offset Voltage: 10 mV Max Slew Rate: 6 V/ s Stable with 1 F Loads Supply Current APPLICATIONS LCD Reference Drivers Portable Electronics Communications Equipment GENERAL DESCRIPTION The AD8568, AD8569, and AD8570 are low-cost, single-supply buffer amplifiers with rail-to-rail input and output capability. They are optimized for LCD monitor applications and built on an advanced high voltage CBCMOS process. The AD8568 includes two buffers, the AD8569 includes four buffers, and the AD8570 includes eight buffers. These LCD buffers have high slew rates, 35 mA continuous output drive, and high capacitive load drive capability. They have a wide supply range and offset voltages below 10 mV. The AD8568, AD8569, and AD8570 are specified over the –40 °C to +85 °C temperature range. They are available on tape and reel, with the AD8568 packaged in a 6-lead SOT-23, the AD8569 in a 10-lead MSOP, and the AD8570 in a 32-lead LFCSP and 20-lead TSSOP. |
同様の部品番号 - AD8570_15 |
|
同様の説明 - AD8570_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |