データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1611-M5 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 2SA1611-M5
部品情報  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1611-M5 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1611-M5 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1611-M5 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2SA1611
Features
High DC Current Gain
High Voltage
Complementary to 2SC4177
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-60
Collector - Emitter Voltage
VCEO
-50
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-100
mA
Collector Power Dissipation
PC
150
mW
Thermal Resistance From Junction To Ambient
RθJA
833
/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-60
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA,IB=0
-50
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -60 V , IE=0
-0.1
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-0.1
Collector-emitter saturation voltage
VCE(sat) IC=-100 mA, IB=-10 mA
-0.3
Base - emitter saturation voltage
VBE(sat) IC=-100 mA, IB=-10 mA
-1.2
Base - emitter voltage
VBE
VCE= -6V, IC= -1mA
-0.58
-0.68
DC current gain
(Note.1)
hFE
VCE= -6V, IC= -1mA
90
600
Collector output capacitance
Cob
VCB= -10V,IE=0, f=1MHz
4.5
pF
Transition frequency
fT
VCE= -6V, IC= -10mA
180
MHz
V
uA
V
Note.1: Pulse test: pulse width ≤350μs, duty cycle≤ 2.0%.
Classification of hfe
Type
2SA1611-M4
2SA1611-M5
2SA1611-M6
2SA1611-M7
Range
90-180
135-270
200-400
300-600
Marking
M4
M5
M6
M7
1.Base
2.Emitter
3.Collector


同様の部品番号 - 2SA1611-M5

メーカー部品番号データシート部品情報
logo
NEC
2SA1611 NEC-2SA1611 Datasheet
194Kb / 4P
   AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR
logo
Nanjing International G...
2SA1611 DGNJDZ-2SA1611 Datasheet
1Mb / 4P
   SOT-323 Plastic-Encapsulate Transistors
logo
TRANSYS Electronics Lim...
2SA1611 TEL-2SA1611 Datasheet
128Kb / 2P
   Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SA1611 KEXIN-2SA1611 Datasheet
48Kb / 1P
   PNP Silicon Epitaxia
logo
SeCoS Halbleitertechnol...
2SA1611 SECOS-2SA1611 Datasheet
109Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
More results

同様の説明 - 2SA1611-M5

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com