データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8614 データシート(PDF) 1 Page - Analog Devices

部品番号 AD8614
部品情報  Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8614 データシート(HTML) 1 Page - Analog Devices

  AD8614_15 Datasheet HTML 1Page - Analog Devices AD8614_15 Datasheet HTML 2Page - Analog Devices AD8614_15 Datasheet HTML 3Page - Analog Devices AD8614_15 Datasheet HTML 4Page - Analog Devices AD8614_15 Datasheet HTML 5Page - Analog Devices AD8614_15 Datasheet HTML 6Page - Analog Devices AD8614_15 Datasheet HTML 7Page - Analog Devices AD8614_15 Datasheet HTML 8Page - Analog Devices AD8614_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Single and Quad 18 V
Operational Amplifiers
AD8614/AD8644
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1999–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Unity-gain bandwidth: 5.5 MHz
Low voltage offset: 1.0 mV
Slew rate: 7.5 V/μs
Single-supply operation: 5 V to 18 V
High output current: 70 mA
Low supply current: 800 μA/amplifier
Stable with large capacitive loads
Rail-to-rail inputs and outputs
APPLICATIONS
LCD gamma and VCOM drivers
Modems
Portable instrumentation
Direct access arrangement
GENERAL DESCRIPTION
The AD8614 (single) and AD8644 (quad) are single-supply,
5.5 MHz bandwidth, rail-to-rail amplifiers optimized for LCD
monitor applications.
They are processed using the Analog Devices, Inc. high voltage,
extra fast complementary bipolar (HV XFCB) process. This
proprietary process includes trench-isolated transistors that
lower internal parasitic capacitance, which improves gain
bandwidth, phase margin, and capacitive load drive. The low
supply current of 800 μA (typical) per amplifier is critical for
portable or densely packed designs. In addition, the rail-to-rail
output swing provides greater dynamic range and control than
standard video amplifiers provide.
These products operate from supplies of 5 V to as high as 18 V.
The unique combination of an output drive of 70 mA, high
slew rates, and high capacitive drive capability makes the
AD8614/AD8644 an ideal choice for LCD applications.
The AD8614 and AD8644 are specified over the temperature
range of –20°C to +85°C. They are available in 5-lead SOT-23,
14-lead TSSOP, and 14-lead SOIC surface-mount packages in
tape and reel.
PIN CONFIGURATIONS
OUT A 1
V– 2
+IN 3
–IN
4
V+
5
AD8614
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead SOT-23
(RJ-5)
AD8644
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
Figure 2. 14-Lead TSSOP
(RU-14)
OUT A 1
–IN A 2
+IN A 3
V+ 4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B 5
+IN C
10
–IN B 6
–IN C
9
OUT B 7
OUT C
8
AD8644
TOP VIEW
(Not to Scale)
Figure 3. 14-Lead Narrow Body SOIC
(R-14)


同様の部品番号 - AD8614_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8614ART AD-AD8614ART Datasheet
303Kb / 8P
   Single and Quad 18 V Operational Amplifiers
REV. 0
AD8614ART-R2 AD-AD8614ART-R2 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
AD8614ART-R2 AD-AD8614ART-R2 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8614ART-REEL AD-AD8614ART-REEL Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
AD8614ART-REEL AD-AD8614ART-REEL Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
More results

同様の説明 - AD8614_15

メーカー部品番号データシート部品情報
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com