データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8627 データシート(PDF) 8 Page - Analog Devices

部品番号 AD8627
部品情報  Single-Supply JFET Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8627 データシート(HTML) 8 Page - Analog Devices

Back Button AD8627_15 Datasheet HTML 4Page - Analog Devices AD8627_15 Datasheet HTML 5Page - Analog Devices AD8627_15 Datasheet HTML 6Page - Analog Devices AD8627_15 Datasheet HTML 7Page - Analog Devices AD8627_15 Datasheet HTML 8Page - Analog Devices AD8627_15 Datasheet HTML 9Page - Analog Devices AD8627_15 Datasheet HTML 10Page - Analog Devices AD8627_15 Datasheet HTML 11Page - Analog Devices AD8627_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8625/AD8626/AD8627
Data Sheet
Rev. F | Page 8 of 20
OUTPUT VOLTAGE (V)
–400
–300
–200
–100
0
100
200
300
400
500
600
–15
–10
–5
0
5
10
15
VSY = ±13V
RL = 100k
RL = 10k
RL = 600
Figure 14. Input Error Voltage vs. Output Voltage for Resistive Loads
OUTPUT VOLTAGE FROM SUPPLY RAILS (mV)
–250
–200
–150
–100
–50
0
50
100
150
200
250
0
50
100
150
200
250
300
NEG RAIL
POS RAIL
VSY = ±5V
RL = 1k
RL = 100k
RL = 10k
RL = 10k
RL = 1k
Figure 15. Input Error Voltage vs. Output Voltage within 300 mV of
Supply Rails
TOTAL SUPPLY VOLTAGE (V)
0
100
200
300
400
500
600
700
800
0
4
8
12
16
20
24
28
+125
°C
+25
°C
–55
°C
Figure 16. Quiescent Current vs. Supply Voltage at Different Temperatures
LOAD CURRENT (mA)
1
10
100
1k
10k
0.001
0.01
0.1
1
10
100
VOH
VOL
VSY = ±13V
Figure 17. Output Saturation Voltage vs. Load Current
LOAD CURRENT (mA)
1
10
100
1k
10k
0.001
0.01
0.1
1
10
100
VSY = 5V
VOL
VOH
Figure 18. Output Saturation Voltage vs. Load Current
FREQUENCY (Hz)
–30
–135
–90
–45
–0
45
90
135
180
225
270
315
–20
–10
0
10
20
30
40
50
60
70
10k
100k
1M
10M
50M
GAIN
PHASE
VSY = ±13V
RL = 2k
CL = 40pF
Figure 19. Open-Loop Gain and Phase Margin vs. Frequency


同様の部品番号 - AD8627_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8627AKS-R2 AD-AD8627AKS-R2 Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8627AKS-REEL AD-AD8627AKS-REEL Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8627AKS-REEL7 AD-AD8627AKS-REEL7 Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8627AKSZ-R2 AD-AD8627AKSZ-R2 Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8627AKSZ-REEL AD-AD8627AKSZ-REEL Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
More results

同様の説明 - AD8627_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8626 AD-AD8626_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8625 AD-AD8625_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8625 AD-AD8625_13 Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8532 AD-AD8532_15 Datasheet
508Kb / 20P
   Single-Supply Amplifiers
Rev. F
AD8531 AD-AD8531_15 Datasheet
508Kb / 20P
   Single-Supply Amplifiers
Rev. F
logo
ON Semiconductor
2N5460 ONSEMI-2N5460 Datasheet
78Kb / 8P
   JFET Amplifiers
November, 2001 ??Rev. 3
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081_08 Datasheet
338Kb / 15P
   General purpose JFET single operational amplifiers
TL061CDT STMICROELECTRONICS-TL061CDT Datasheet
332Kb / 16P
   Low power JFET single operational amplifiers
March 2009 Rev 3
LF351 STMICROELECTRONICS-LF351_08 Datasheet
622Kb / 14P
   Wide bandwidth single JFET operational amplifiers
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com