データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8643 データシート(PDF) 1 Page - Analog Devices

部品番号 AD8643
部品情報  Low Power, Rail-to-Rail Output, Precision
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8643 データシート(HTML) 1 Page - Analog Devices

  AD8643_15 Datasheet HTML 1Page - Analog Devices AD8643_15 Datasheet HTML 2Page - Analog Devices AD8643_15 Datasheet HTML 3Page - Analog Devices AD8643_15 Datasheet HTML 4Page - Analog Devices AD8643_15 Datasheet HTML 5Page - Analog Devices AD8643_15 Datasheet HTML 6Page - Analog Devices AD8643_15 Datasheet HTML 7Page - Analog Devices AD8643_15 Datasheet HTML 8Page - Analog Devices AD8643_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Power, Rail-to-Rail Output, Precision
JFET Amplifiers
Data Sheet
AD8641/AD8642/AD8643
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Low supply current: 250 μA max
Very low input bias current: 1 pA max
Low offset voltage: 750 μV max
Single-supply operation: 5 V to 26 V
Dual-supply operation: ±2.5 V to ±13 V
Rail-to-rail output
Unity-gain stable
No phase reversal
SC70 package
APPLICATIONS
Line-/battery-powered instruments
Photodiode amplifiers
Precision current sensing
Medical instrumentation
Industrial controls
Precision filters
Portable audio
ATE
GENERAL DESCRIPTION
The AD8641/AD8642/AD8643 are low power, precision JFET
input amplifiers featuring extremely low input bias current and
rail-to-rail output. The ability to swing nearly rail-to-rail at the
input and rail-to-rail at the output enables designers to buffer
CMOS DACs, ASICs, and other wide output swing devices in
single-supply systems. The outputs remain stable with
capacitive loads of more than 500 pF.
The AD8641/AD8642/AD8643 are suitable for applications
utilizing multichannel boards that require low power to manage
heat. Other applications include photodiodes, ATE reference
level drivers, battery management, and industrial controls.
The AD8641/AD8642/AD8643 are fully specified over the
extended industrial temperature range of –40°C to +125°C. The
AD8641 is available in 5-lead SC70 and 8-lead SOIC lead-free
packages. The AD8642 is available in 8-lead MSOP and 8-lead
SOIC lead-free packages. The AD8643 is available in 14-lead
SOIC and 16-lead, 3 mm × 3 mm, LFCSP lead-free packages.
PIN CONFIGURATIONS
OUT
1
+IN
3
VEE
2
VCC
5
–IN
4
AD8641
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead SC70 (KS-5)
NC
1
–IN
2
+IN
3
VEE
4
NC
8
VCC
7
OUT
6
NC
5
AD8641
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 2. 8-Lead SOIC (R-8)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8642
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead SOIC (R-8)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8642
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead MSOP (RM-8)
OUT A
1
OUT D
14
–IN A
2
–IN D
13
+IN A
3
+IN D
12
V+
4
V–
11
+IN B
5
+IN C
10
–IN B
6
–IN C
9
OUT B
7
OUT C
8
TOP VIEW
(Not to Scale)
AD8643
Figure 5. 14-Lead SOIC (R-14)
12
11
10
9
+IN C
V–
+IN D
–IN D
1
–IN A
2
3
4
+IN B
V+
+IN A
AD8643
TOP VIEW
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD SHOULD BE CONNECTED TO V+.
Figure 6. 16-Lead LFCSP (CP-16) (Not Drawn to Scale)


同様の部品番号 - AD8643_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8643ACPZ-R2 AD-AD8643ACPZ-R2 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8643ACPZ-R2 AD-AD8643ACPZ-R2 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8643ACPZ-R2 AD-AD8643ACPZ-R2 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8643ACPZ-REEL AD-AD8643ACPZ-REEL Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8643ACPZ-REEL AD-AD8643ACPZ-REEL Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
More results

同様の説明 - AD8643_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
logo
Linear Technology
LTC6362 LINER-LTC6362 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
logo
Analog Devices
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Texas Instruments
OPA140A-DIE TI1-OPA140A-DIE Datasheet
73Kb / 4P
[Old version datasheet]   HIGH-PRECISION, LOW-NOISE, RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com