データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9054A データシート(PDF) 5 Page - Analog Devices

部品番号 AD9054A
部品情報  8-Bit, 200 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9054A データシート(HTML) 5 Page - Analog Devices

  AD9054A_15 Datasheet HTML 1Page - Analog Devices AD9054A_15 Datasheet HTML 2Page - Analog Devices AD9054A_15 Datasheet HTML 3Page - Analog Devices AD9054A_15 Datasheet HTML 4Page - Analog Devices AD9054A_15 Datasheet HTML 5Page - Analog Devices AD9054A_15 Datasheet HTML 6Page - Analog Devices AD9054A_15 Datasheet HTML 7Page - Analog Devices AD9054A_15 Datasheet HTML 8Page - Analog Devices AD9054A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD9054A
–5–
REV. D
AIN
D7–D0
ENCODE
ENCODE
SAMPLE N–1
SAMPLE N
SAMPLE N+3
SAMPLE N+4
SAMPLE N+2
SAMPLE N+1
tA
tEH
tEL
1/fS
tPD
tV
DATA N
DATA N–1
DATA N–2
DATA N–3
DATA N–4
DATA N–5
Figure 1. Timing—Single Channel Mode
PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
Function
1
ENCODE
Encode Clock for ADC (ADC
Samples on Rising Edge
of ENCODE)
2
ENCODE
Encode Clock Complement
(ADC Samples on Falling Edge
of
ENCODE)
3, 5, 15, 18, 28,
VDD
Power Supply (5 V)
30, 31, 36, 41
4, 6, 16, 17, 27,
GND
Ground
29, 32, 35, 37, 40
14–7
DA0–DA7
Digital Outputs of ADC Channel
A. DA7 is the MSB, DA0 the LSB
19–26
DB0–DB7
Digital Outputs of ADC Channel
B. DB7 is the MSB, DB0 the LSB
33
VREF OUT
Internal Reference Output
(2.5 V typical); Bypass with
0.1
µF to Ground
34
VREF IN
Reference Input for ADC (2.5 V
typical,
±4%)
38
AIN
Analog Input—Complement.
Connect to input signal midscale
reference.
39
AIN
Analog Input—True
42
DEMUX
Format Select. LOW = Dual.
Channel Mode, HIGH = Single.
Channel Mode (Channel A Only)
43
DS
Data Sync Complement
44
DS
Data Sync—Aligns Output Chan-
nels in Dual-Channel Mode
PIN CONFIGURATION
PIN 1
IDENTIFIER
TOP VIEW
(PINS DOWN)
DB1
DB2
DB3
GND
DA2
DA1
DA0 (LSB)
VDD
GND
VDD
DB0 (LSB)
DS
DS
DEMUX
VDD
GND
AIN
AIN
GND
VDD
GND
VREF IN
AD9054A


同様の部品番号 - AD9054A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
More results

同様の説明 - AD9054A_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SPT7720 ETC-SPT7720 Datasheet
96Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054 AD-AD9054 Datasheet
303Kb / 20P
   8-Bit, 200 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7720 CADEKA-SPT7720 Datasheet
180Kb / 10P
   8-BIT, 200 MSPS A/D CONVERTER
logo
Analog Devices
AD9054A AD-AD9054A Datasheet
332Kb / 19P
   8-Bit, 200 MSPS A/D Converter
REV. B
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9732 AD-AD9732_15 Datasheet
148Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
National Semiconductor ...
ADC08B200 NSC-ADC08B200_1 Datasheet
657Kb / 32P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
ADC08B200 NSC-ADC08B200 Datasheet
596Kb / 30P
   8-Bit, 200 MSPS A/D Converter with Capture Buffer
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com