データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9070 データシート(PDF) 1 Page - Analog Devices

部品番号 AD9070
部品情報  10-Bit, 100 MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9070 データシート(HTML) 1 Page - Analog Devices

  AD9070_15 Datasheet HTML 1Page - Analog Devices AD9070_15 Datasheet HTML 2Page - Analog Devices AD9070_15 Datasheet HTML 3Page - Analog Devices AD9070_15 Datasheet HTML 4Page - Analog Devices AD9070_15 Datasheet HTML 5Page - Analog Devices AD9070_15 Datasheet HTML 6Page - Analog Devices AD9070_15 Datasheet HTML 7Page - Analog Devices AD9070_15 Datasheet HTML 8Page - Analog Devices AD9070_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9070
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
10-Bit, 100 MSPS
A/D Converter
FUNCTIONAL BLOCK DIAGRAM
T/H
DAC
ADC
VREF
IN
–2.5V
VREF
OUT COMP
REF
BYPASS
SOIC (BR)
PACKAGE
ONLY
ADC
SUM
AMP
TIMING
AIN
ENCODE
ENCODE
AIN
AD9070
ENCODE
LOGIC
D9 – D0
DIP
PACKAGE
ONLY
OR
10
VEE
GND
FEATURES
10-Bit, 100 MSPS ADC
Low Power: 600 mW Typical at 100 MSPS
On-Chip Track/Hold
230 MHz Analog Bandwidth
SINAD = 54 dB @ 41 MHz
On-Chip Reference
1 V p-p Analog Input Range
Single Supply Operation: +5 V or –5 V
Differential Clock Input
Available in Standard Military Drawing Version
APPLICATIONS
Digital Communications
Signal Intelligence
Digital Oscilloscopes
Spectrum Analyzers
Medical Imaging
Radar
HDTV
GENERAL DESCRIPTION
The AD9070 is a monolithic sampling analog-to-digital
converter with an on-chip track-and-hold circuit and ECL
digital interfaces. The product operates at a 100 MSPS
conversion rate with outstanding dynamic performance over
its full operating range.
The ADC requires only a single –5 V supply and an encode
clock for full performance operation. The digital outputs are
ECL compatible, while a differential clock input accommodates
a wide range of logic levels. The AD9070 may be operated in a
Positive ECL (PECL) environment with a single +5 V supply.
An Out-of-Range output (OR) is available in the DIP version to
indicate that a conversion result is outside the operating range.
In both package styles, the output data are held at saturation
levels during an out-of-range condition.
The input amplifier supports single-ended interfaces. An
internal –2.5 V reference is included in the SOIC packaged
device (an external voltage reference is required for the
DIP version).
Fabricated on an advanced bipolar process, the AD9070
is available in a plastic SOIC package specified over the
industrial temperature range (–40
°C to +85°C), and a full
MIL-PRF-38534 QML version (–55
°C to +125°C) in a
ceramic Dual-in-Line Package (DIP).


同様の部品番号 - AD9070_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9070/PCB AD-AD9070/PCB Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070BR AD-AD9070BR Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
More results

同様の説明 - AD9070_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com