データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9212 データシート(PDF) 6 Page - Analog Devices

部品番号 AD9212
部品情報  Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9212 データシート(HTML) 6 Page - Analog Devices

Back Button AD9212_15 Datasheet HTML 2Page - Analog Devices AD9212_15 Datasheet HTML 3Page - Analog Devices AD9212_15 Datasheet HTML 4Page - Analog Devices AD9212_15 Datasheet HTML 5Page - Analog Devices AD9212_15 Datasheet HTML 6Page - Analog Devices AD9212_15 Datasheet HTML 7Page - Analog Devices AD9212_15 Datasheet HTML 8Page - Analog Devices AD9212_15 Datasheet HTML 9Page - Analog Devices AD9212_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
AD9212
Data Sheet
Rev. E | Page 6 of 56
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 3.
AD9212-40
AD9212-65
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
CMOS/LVDS/LVPECL
Differential Input Voltage2
Full
250
250
mV p-p
Input Common-Mode Voltage
Full
1.2
1.2
V
Input Resistance (Differential)
25°C
20
20
Input Capacitance
25°C
1.5
1.5
pF
LOGIC INPUTS (PDWN, SCLK/DTP)
Logic 1 Voltage
Full
1.2
3.6
1.2
3.6
V
Logic 0 Voltage
Full
0
0.3
0.3
V
Input Resistance
25°C
30
30
Input Capacitance
25°C
0.5
0.5
pF
LOGIC INPUT (CSB)
Logic 1 Voltage
Full
1.2
3.6
1.2
3.6
V
Logic 0 Voltage
Full
0
0.3
0.3
V
Input Resistance
25°C
70
70
Input Capacitance
25°C
0.5
0.5
pF
LOGIC INPUT (SDIO/ODM)
Logic 1 Voltage
Full
1.2
DRVDD + 0.3
1.2
DRVDD + 0.3
V
Logic 0 Voltage
Full
0
0.3
0
0.3
V
Input Resistance
25°C
30
30
Input Capacitance
25°C
2
2
pF
LOGIC OUTPUT (SDIO/ODM) 3
Logic 1 Voltage (IOH = 800 μA)
Full
1.79
1.79
V
Logic 0 Voltage (IOL = 50 μA)
Full
0.05
0.05
V
DIGITAL OUTPUTS (D + x, D − x), (ANSI-644)
Logic Compliance
LVDS
LVDS
Differential Output Voltage (VOD)
Full
247
454
247
454
mV
Output Offset Voltage (VOS)
Full
1.125
1.375
1.125
1.375
V
Output Coding (Default)
Offset binary
Offset binary
DIGITAL OUTPUTS (D + x, D − x),
(LOW POWER, REDUCED SIGNAL OPTION)
Logic Compliance
LVDS
LVDS
Differential Output Voltage (VOD)
Full
150
250
150
250
mV
Output Offset Voltage (VOS)
Full
1.10
1.30
1.10
1.30
V
Output Coding (Default)
Offset binary
Offset binary
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2 This is specified for LVDS and LVPECL only.
3 This is specified for 13 SDIO pins sharing the same connection.


同様の部品番号 - AD9212_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_17 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
More results

同様の説明 - AD9212_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9257 AD-AD9257 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9249 AD-AD9249 Datasheet
1Mb / 36P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
REV. 0
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com