データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9245 データシート(PDF) 1 Page - Analog Devices

部品番号 AD9245
部品情報  14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9245 データシート(HTML) 1 Page - Analog Devices

  AD9245_15 Datasheet HTML 1Page - Analog Devices AD9245_15 Datasheet HTML 2Page - Analog Devices AD9245_15 Datasheet HTML 3Page - Analog Devices AD9245_15 Datasheet HTML 4Page - Analog Devices AD9245_15 Datasheet HTML 5Page - Analog Devices AD9245_15 Datasheet HTML 6Page - Analog Devices AD9245_15 Datasheet HTML 7Page - Analog Devices AD9245_15 Datasheet HTML 8Page - Analog Devices AD9245_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS,
3 V A/D Converte
r
Data Sheet
AD9245
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single 3 V supply operation (2.7 V to 3.6 V)
SNR = 72.7 dBc to Nyquist
SFDR = 83.0 dBc to Nyquist
Low power
366 mW at 80 MSPS
300 mW at 65 MSPS
165 mW at 40 MSPS
90 mW at 20 MSPS
Differential input with 500 MHz bandwidth
On-chip reference and sample-and-hold
DNL = ±0.5 LSB
Flexible analog input: 1 V p-p to 2 V p-p range
Offset binary or twos complement data format
Clock duty-cycle stabilizer
APPLICATIONS
Medical imaging equipment
IF sampling in communications receivers
WCDMA, CDMA-One, CDMA-2000, and TDS-CDMA
Battery-powered instruments
Hand-held scopemeters
Spectrum analyzers
Power-sensitive military applications
GENERAL DESCRIPTION
The AD9245 is a monolithic, single 3 V supply, 14-bit,
20 MSPS/40 MSPS/65 MSPS/80 MSPS analog-to-digital
converter (ADC) featuring a high performance sample-and-
hold amplifier (SHA) and voltage reference. The AD9245 uses a
multistage differential pipelined architecture with output error
correction logic to provide 14-bit accuracy and guarantee no
missing codes over the full operating temperature range.
The wide bandwidth, truly differential SHA allows a variety of
user-selectable input ranges and common modes, including
single-ended applications. It is suitable for multiplexed systems
that switch full-scale voltage levels in successive channels and
for sampling single-channel inputs at frequencies well beyond
the Nyquist rate. Combined with power and cost savings over
previously available analog-to-digital converters, the AD9245 is
suitable for applications in communications, imaging, and
medical ultrasound.
FUNCTIONAL BLOCK DIAGRAM
DRVDD
AVDD
AGND
0.5V
CLK
PDWN
MODE DGND
OTR
VIN+
VIN–
REFT
REFB
AD9245
VREF
SENSE
SHA
A/D
MDAC1
4
16
14
3
A/D
8-STAGE
1 1/2-BIT PIPELINE
REF
SELECT
CLOCK
DUTY CYCLE
STABILIZER
MODE
SELECT
CORRECTION LOGIC
OUTPUT BUFFERS
D13 (MSB)
D0 (LSB)
Figure 1.
A single-ended clock input is used to control all internal con-
version cycles. A duty cycle stabilizer (DCS) compensates for
wide variations in the clock duty cycle while maintaining
excellent overall ADC performance. The digital output data is
presented in straight binary or twos complement formats. An
out-of-range (OTR) signal indicates an overflow condition that
can be used with the most significant bit to determine low or
high overflow. Fabricated on an advanced CMOS process, the
AD9245 is available in a 32-lead LFCSP and is specified over
the industrial temperature range (–40°C to +85°C).
PRODUCT HIGHLIGHTS
1. The AD9245 operates from a single 3 V power supply and
features a separate digital output driver supply to
accommodate 2.5 V and 3.3 V logic families.
2. The patented SHA input maintains excellent performance for
input frequencies up to 100 MHz and can be configured for
single-ended or differential operation.
3. The AD9245 is pin-compatible with the AD9215, AD9235,
and AD9236. This allows a simplified migration from 10 bits
to 14 bits and 20 MSPS to 80 MSPS.
4. The clock DCS maintains overall ADC performance over a
wide range of clock pulse widths.
5. The OTR output bit indicates when the signal is beyond the
selected input range.


同様の部品番号 - AD9245_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9245BCP-20EB AD-AD9245BCP-20EB Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
AD9245BCP-20EB AD-AD9245BCP-20EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9245BCP-40EB AD-AD9245BCP-40EB Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
AD9245BCP-40EB AD-AD9245BCP-40EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9245BCP-65EB AD-AD9245BCP-65EB Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results

同様の説明 - AD9245_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com