データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9259 データシート(PDF) 2 Page - Analog Devices

部品番号 AD9259
部品情報  Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9259 データシート(HTML) 2 Page - Analog Devices

  AD9259_15 Datasheet HTML 1Page - Analog Devices AD9259_15 Datasheet HTML 2Page - Analog Devices AD9259_15 Datasheet HTML 3Page - Analog Devices AD9259_15 Datasheet HTML 4Page - Analog Devices AD9259_15 Datasheet HTML 5Page - Analog Devices AD9259_15 Datasheet HTML 6Page - Analog Devices AD9259_15 Datasheet HTML 7Page - Analog Devices AD9259_15 Datasheet HTML 8Page - Analog Devices AD9259_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
AD9259
Data Sheet
Rev. E | Page 2 of 52
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 3
Specifications..................................................................................... 4
AC Specifications.......................................................................... 5
Digital Specifications ................................................................... 6
Switching Specifications .............................................................. 7
Timing Diagrams.......................................................................... 8
Absolute Maximum Ratings.......................................................... 10
Thermal Impedance................................................................... 10
ESD Caution................................................................................ 10
Pin Configuration and Function Descriptions........................... 11
Equivalent Circuits ......................................................................... 13
Typical Performance Characteristics ........................................... 15
Theory of Operation ...................................................................... 19
Analog Input Considerations ................................................... 19
Clock Input Considerations...................................................... 21
Serial Port Interface (SPI).............................................................. 29
Hardware Interface..................................................................... 29
Memory Map .................................................................................. 31
Reading the Memory Map Table.............................................. 31
Reserved Locations .................................................................... 31
Default Values............................................................................. 31
Logic Levels................................................................................. 31
Evaluation Board ............................................................................ 35
Power Supplies............................................................................ 35
Input Signals................................................................................ 35
Output Signals ............................................................................ 35
Default Operation and Jumper Selection Settings................. 36
Alternative Analog Input Drive Configuration...................... 37
Outline Dimensions....................................................................... 51
Ordering Guide .......................................................................... 51


同様の部品番号 - AD9259_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
More results

同様の説明 - AD9259_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9259 AD-AD9259 Datasheet
1Mb / 52P
   Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9249 AD-AD9249 Datasheet
1Mb / 36P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
REV. 0
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9653 AD-AD9653 Datasheet
1Mb / 40P
   Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com