データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9380 データシート(PDF) 1 Page - Analog Devices

部品番号 AD9380
部品情報  Analog/HDMI Dual-Display Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9380 データシート(HTML) 1 Page - Analog Devices

  AD9380_15 Datasheet HTML 1Page - Analog Devices AD9380_15 Datasheet HTML 2Page - Analog Devices AD9380_15 Datasheet HTML 3Page - Analog Devices AD9380_15 Datasheet HTML 4Page - Analog Devices AD9380_15 Datasheet HTML 5Page - Analog Devices AD9380_15 Datasheet HTML 6Page - Analog Devices AD9380_15 Datasheet HTML 7Page - Analog Devices AD9380_15 Datasheet HTML 8Page - Analog Devices AD9380_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Analog/HDMI
Dual-Display Interface
AD9380
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Internal key storage for HDCP
Analog/HDMI dual interface
Supports high bandwidth digital content protection
RGB-to-YCbCr 2-way color conversion
Automated clamping level adjustment
1.8 V/3.3 V power supply
100-lead, Pb-free LQFP
RGB and YCbCr output formats
Analog interface
8-bit triple ADC
100 MSPS maximum conversion rate
Macrovision® detection
2:1 input mux
Full sync processing
Sync detect for hot plugging
Midscale clamping
Digital video interface
HDMI 1.1, DVI 1.0
150 MHz HDMI receiver
Supports HDCP 1.1
Digital audio interface
HDMI 1.1-compatible audio interface
S/PDIF (IEC90658-compatible) digital audio output
Multichannel I2S audio output (up to 8 channels)
APPLICATIONS
Advanced TVs
HDTV
Projectors
LCD monitor
FUNCTIONAL BLOCK DIAGRAM
DATACK
DE
VSYNC
SYNC
PROCESSING
AND
CLOCK
GENERATION
DATACK
2
REF
HSOUT
VSOUT
SOGOUT
HDMI RECEIVER
DIGITAL INTERFACE
REFOUT
REFIN
CLAMP
A/D
2:1
MUX
2:1
MUX
2:1
MUX
2:1
MUX
S/PDIF
8-CHANNEL
I2S
2
MCLK
LRCLK
HDCP
2
DATACK
HSOUT
VSOUT
SOGOUT
DE
R/G/B 8 × 3
OR YCbCr
R/G/B 8 × 3
OR YCbCr
YCbCr (4:2:2
OR 4:4:4)
R/G/B 8 × 3
AD9380
R/G/B OR YPbPrIN0
R/G/B OR YPbPrIN1
HSYNC 0
HSYNC 1
HSYNC 0
HSYNC 1
SOGIN 0
SOGIN 1
COAST
CKINV
CKEXT
FILT
Rx1+
Rx1–
Rx2+
Rx2–
RxC+
RxC–
RTERM
Rx0+
Rx0–
DDCSDA
DDCSCL
HSYNC
ANALOG INTERFACE
SCLK
4
HDCP KEYS
SERIAL REGISTER
AND
POWER MANAGEMENT
SCL
SDA
Figure 1.
GENERAL DESCRIPTION
The AD9380 offers designers the flexibility of an analog
interface and high definition multimedia interface (HDMI)
receiver integrated on a single chip. Also included is support for
high bandwidth digital content protection (HDCP).
The AD9380 is a complete 8-bit, 150 MSPS, monolithic analog
interface optimized for capturing component video (YPbPr)
and RGB graphics signals. Its 150 MSPS encode rate capability
and full power analog bandwidth of 330 MHz supports all
HDTV formats (up to 1080p and FPD resolutions up to SXGA
(1280 × 1024 @ 75 Hz).
The analog interface includes a 150 MHz triple ADC with
internal 1.25 V reference, a phase-locked loop (PLL), and
programmable gain, offset, and clamp control. The user provides
only 1.8 V and 3.3 V power supplies, analog input, and HSYNC .
Three-state CMOS outputs can be powered from 1.8 V to 3.3 V.
An on-chip PLL generates a pixel clock from HSYNC.
Pixel clock output frequencies range from 12 MHz to 150 MHz.
PLL clock jitter is typically less than 700 ps p-p at 150 MHz.
The AD9380 also offers full sync processing for composite sync
and sync-on-green (SOG) applications.
The AD9380 contains an HDMI 1.1-compatible receiver and
supports all HDTV formats (up to 1080p and 720p) and display
resolutions up to SXGA (1280 × 1024 @ 75 Hz). The receiver
features an intrapair skew tolerance of up to one full clock cycle.
With the inclusion of HDCP, displays can now receive
encrypted video content. The AD9380 allows for authentication
of a video receiver, decryption of encoded data at the receiver,
and renewability of the authentication during transmission, as
specified by the HDCP 1.1 protocol.
Fabricated in an advanced CMOS process, the AD9380 is
provided in a space-saving, 100-lead, surface-mount, Pb-free
plastic LQFP and is specified over the 0°C to 70°C temperature
range.


同様の部品番号 - AD9380_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9380/PCB AD-AD9380/PCB Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380KSTZ-100 AD-AD9380KSTZ-100 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380KSTZ-150 AD-AD9380KSTZ-150 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
More results

同様の説明 - AD9380_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9380 AD-AD9380 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9880 AD-AD9880 Datasheet
1Mb / 64P
   Analog/HDMI Dual Display Interface
REV. 0
AD9381 AD-AD9381 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
   HDMI Display Interface
REV. 0
AD9381 AD-AD9381_15 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
   HDMI??Display Interface
REV. 0
AD9396 AD-AD9396 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9393 AD-AD9393 Datasheet
797Kb / 40P
   Low Power HDMI Display Interface
REV. 0
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com