データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9876 データシート(PDF) 4 Page - Analog Devices

部品番号 AD9876
部品情報  Broadband Modem Mixed-Signal Front End
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9876 データシート(HTML) 4 Page - Analog Devices

  AD9876_15 Datasheet HTML 1Page - Analog Devices AD9876_15 Datasheet HTML 2Page - Analog Devices AD9876_15 Datasheet HTML 3Page - Analog Devices AD9876_15 Datasheet HTML 4Page - Analog Devices AD9876_15 Datasheet HTML 5Page - Analog Devices AD9876_15 Datasheet HTML 6Page - Analog Devices AD9876_15 Datasheet HTML 7Page - Analog Devices AD9876_15 Datasheet HTML 8Page - Analog Devices AD9876_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. A
AD9876
–4–
REV. A
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
Tx PATH INTERFACE
Maximum Input Nibble Rate, 2
× Interpolation
Full
II
128
MHz
Tx Setup Time (tSU)
Full
II
3.0
ns
Tx Hold Time (tHD)
Full
II
0
ns
Rx PATH INTERFACE
Maximum Output Nibble Rate
Full
II
110
MHz
Rx Data Valid Time (tVT)
Full
II
3.0
ns
Rx Data Hold Time (tHT)
Full
II
1.5
ns
SERIAL CONTROL BUS
Maximum SCLK Frequency (fSCLK)
Full
II
25
MHz
Clock Pulsewidth High (tPWH)
Full
II
18
ns
Clock Pulsewidth Low (tPWL)
Full
II
18
ns
Clock Rise/Fall Time
Full
II
1
ms
Data/Chip-Select Setup Time (tDS)
Full
II
25
ns
Data Hold Time (tDH)
Full
II
0
ns
Data Valid Time (tDV)
Full
II
20
ns
CMOS LOGIC INPUTS
Logic “1” Voltage
Full
II
VDRVDD – 0.7
V
Logic “0” Voltage
Full
II
0.4
V
Logic “1” Current
Full
II
12
µA
Logic “0” Current
Full
II
12
µA
Input Capacitance
25
°C
III
3
µF
CMOS LOGIC OUTPUTS (1 mA Load)
Logic “1” Voltage
Full
II
VDRVDD – 0.6
V
Logic “0” Voltage
Full
II
0.4
V
Digital Output Rise/Fall Time
Full
II
1.5
2.5
ns
POWER SUPPLY
All Blocks Powered Up
IS_TOTAL (Total Supply Current)
Full
I
262
288
mA
IS_TOTAL (Tx QUIET Pin Asserted)
25
°C
III
172
mA
Digital Supply Current (IDRVDD + IDVDD)25
°C
III
77
mA
Analog Supply Current (IAVDD)25
°C
III
185
mA
Power Consumption of Functional Blocks:
Rx LPF
25
°C
III
110
mA
ADC and SPGA
25
°C
III
55
mA
Rx Reference
25
°C
III
2
mA
Interpolator
25
°C
III
33
mA
DAC
25
°C
III
18
mA
PLL-B
25
°C
III
8
mA
PLL-A
25
°C
III
24
mA
Voltage Regulator Controller
25
°C
III
1
mA
All Blocks Powered Down
Supply Current IS, fOSCIN = 32 MHz
Full
II
19
22
mA
Supply Current IS, fOSCIN Idle
Full
II
10
12
mA
Power Supply Rejection
Tx Path (
∆VS = 10%)
25
°C
III
62
dB
Rx Path (
∆VS = 10%)
25
°C
III
54
dB
RECEIVE-TO-TRANSMIT ISOLATION
(10 MHz, Full-Scale Sine Wave Output/Output)
Isolation: Tx Path to Rx Path, Gain = +36 dB
25
°C
III
–75
dB
Isolation: Rx Path to Tx Path, Gain = –6 dB
25
°C
III
–70
dB
VOLTAGE REGULATOR CONTROLLER
Output Voltage (VFB with SI2301 Connected)
Full
I
1.25
1.30
1.35
V
Line Regulation (
∆VFB%/∆VDVDD% × 100%)
25
°C
III
100
%
Load Regulation (
∆VFB/∆ILOAD)25°C
III
60
m
Maximum Load Current (ILOAD)
Full
II
250
mA
Specifications subject to change without notice.


同様の部品番号 - AD9876_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9876-EB AD-AD9876-EB Datasheet
666Kb / 24P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9876BST AD-AD9876BST Datasheet
666Kb / 24P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9876BSTRL AD-AD9876BSTRL Datasheet
666Kb / 24P
   Broadband Modem Mixed-Signal Front End
REV. A
More results

同様の説明 - AD9876_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
AD9875 AD-AD9875_15 Datasheet
2Mb / 28P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9868 AD-AD9868_17 Datasheet
606Kb / 37P
   Broadband Modem Mixed-Signal Front End
AD9869 AD-AD9869_17 Datasheet
561Kb / 37P
   Broadband Modem Mixed-Signal Front End
AD9875 AD-AD9875 Datasheet
288Kb / 24P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9975 AD-AD9975 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9868 AD-AD9868 Datasheet
839Kb / 36P
   Broadband Modem Mixed-Signal Front End
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com