データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9877 データシート(PDF) 6 Page - Analog Devices

部品番号 AD9877
部品情報  Mixed-Signal Front End Set-Top Box, Cable Modem
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9877 データシート(HTML) 6 Page - Analog Devices

Back Button AD9877_15 Datasheet HTML 2Page - Analog Devices AD9877_15 Datasheet HTML 3Page - Analog Devices AD9877_15 Datasheet HTML 4Page - Analog Devices AD9877_15 Datasheet HTML 5Page - Analog Devices AD9877_15 Datasheet HTML 6Page - Analog Devices AD9877_15 Datasheet HTML 7Page - Analog Devices AD9877_15 Datasheet HTML 8Page - Analog Devices AD9877_15 Datasheet HTML 9Page - Analog Devices AD9877_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9877
Rev. B | Page 6 of 36
Parameter
Temp
Test
Level
Min
Typ
Max
Unit
TIMING CHARACTERISTICS (10 pF Load)
Wake-Up Time
N/A
N/A
200
tMCLK cycles
Minimum RESET Pulse Width Low (tRL)
N/A
N/A
5
tMCLK cycles
Digital Output Rise/Fall Time
Full
II
2.8
4
ns
Tx/Rx Interface
MCLK Frequency (fMCLK)
Full
II
66
MHz
TxSYNC/TxIQ Setup Time (tSU)
Full
II
3
ns
TxSYNC/TxIQ Hold Time (tHD)
Full
II
3
ns
MCLK Rising Edge to RxSYNC/RxIQ/IF Valid Delay (tMD)
Full
II
0
1.0
ns
REFCLK Rising or Falling Edge to RxSYNC/RxIQ/IF Valid
Delay (tOD)
Full
II
TOSC/4 − 2.0
TOSC/4 + 3.0
ns
REFCLK Edge to MCLK Falling Edge (tEE)
Full
II
−1.0
+1.0
ns
Serial Control Bus
Maximum SCLK Frequency (fSCLK)
Full
II
15
MHz
Minimum Clock Pulse Width High (tPWH)
Full
II
30
ns
Minimum Clock Pulse Width Low (tPWL)
Full
II
30
ns
Maximum Clock Rise/Fall
Full
II
1
μs
Minimum Data/Chip-Select Setup Time (tDS)
Full
II
25
ns
Minimum Data Hold Time (tDH)
Full
II
0
ns
Maximum Data Valid Time (tDV)
Full
II
30
ns
CMOS LOGIC INPUTS
Logic 1 Voltage
25°C
II
DRVDD − 0.7
V
Logic 0 Voltage
25°C
II
0.4
V
Logic 1 Current
25°C
II
12
μA
Logic 0 Current
25°C
II
12
μA
Input Capacitance
25°C
III
3
pF
CMOS LOGIC OUTPUTS (1 mA Load)
Logic 1 Voltage
25°C
II
DRVDD − 0.6
V
Logic 0 Voltage
25°C
II
0.4
V
POWER SUPPLY
Supply Current, IS (Full Operation)
25°C
II
233
272
mA
Analog Supply Current, IAS
25°C
III
85
mA
Digital Supply Current, IDS
25°C
III
228
mA
Supply Current, IS
Standby (PWRDN Pin Active)
25°C
I
104
113
mA
Full Power-Down (Register 0x02 = 0xF9)
25°C
III
10
mA
Power-Down Tx Path (Register 0x02 = 0x20)
25°C
III
60
mA
Power-Down Rx Path (Register 0x02 = 0x19)
25°C
III
265
mA
Reset (RESET Pin Active)
25°C
III
85
mA
Power Supply Rejection (Differential Signal)
Tx DAC
25°C
III
<0.25
% FS
8-Bit ADC
25°C
III
<0.004
% FS
12-Bit ADC
25°C
III
<0.0004
% FS


同様の部品番号 - AD9877_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9877 AD-AD9877_17 Datasheet
491Kb / 37P
   Set-Top Box, Cable Modem
More results

同様の説明 - AD9877_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879 AD-AD9879 Datasheet
364Kb / 24P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. 0
AD9877 AD-AD9877 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9873 AD-AD9873 Datasheet
935Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com