データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9882A データシート(PDF) 1 Page - Analog Devices

部品番号 AD9882A
部品情報  Dual Interface for Flat Panel Displays
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9882A データシート(HTML) 1 Page - Analog Devices

  AD9882A_15 Datasheet HTML 1Page - Analog Devices AD9882A_15 Datasheet HTML 2Page - Analog Devices AD9882A_15 Datasheet HTML 3Page - Analog Devices AD9882A_15 Datasheet HTML 4Page - Analog Devices AD9882A_15 Datasheet HTML 5Page - Analog Devices AD9882A_15 Datasheet HTML 6Page - Analog Devices AD9882A_15 Datasheet HTML 7Page - Analog Devices AD9882A_15 Datasheet HTML 8Page - Analog Devices AD9882A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Dual Interface for
Flat Panel Displays
AD9882A
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Analog interface
140 MSPS maximum conversion rate
Programmable analog bandwidth
0.5 V to 1.0 V analog input range
500 ps p-p PLL clock jitter at 140 MSPS
3.3 V power supply
Full sync processing
Midscale clamping
4:2:2 output format mode
Digital interface
DVI 1.0 compatible interface
112 MHz operation
High skew tolerance of 1 full input clock
Sync detect for hot plugging
Supports high bandwidth digital content protection
APPLICATIONS
RGB graphics processing
LCD monitors and projectors
Plasma display panels
Scan converter
Microdisplays
Digital TV
FUNCTIONAL BLOCK DIAGRAM
A/D
CLAMP
RAIN
GAIN
BAIN
SOGIN
HSYNC
SYNC
PROCESSING AND
CLOCK
GENERATION
FILT
VSYNC
SCL
SDA
A0
RX0+
RX0–
RX1+
RX1–
RX2+
RX2–
RXC+
RXC–
RTERM
DDCSCL
DDCSDA
MCL
MDA
8
A/D
CLAMP
8
A/D
CLAMP
8
ANALOG INTERFACE
DATACK
HSOUT
VSOUT
SOGOUT
8
REF
ROUT
GOUT
BOUT
ROUT
GOUT
BOUT
ROUT
GOUT
BOUT
DATACK
DE
HSYNC
VSYNC
DATACK
HSOUT
CSOUT
SOGOUT
DE
REFBYPASS
8
8
DVI
RECEIVER
HDCP
8
8
8
AD9882A
SERIAL REGISTER AND
POWER MANAGEMENT
DIGITAL INTERFACE
Figure 1.
GENERAL DESCRIPTION
The AD9882A offers designers the flexibility of an analog inter-
face and a digital visual interface (DVI) receiver integrated on a
single chip. Also included is support for high bandwidth digital
content protection (HDCP).
Analog Interface
The AD9882A is a complete, 8-bit, 140 MSPS monolithic
analog interface optimized for capturing RGB graphics signals
from personal computers and workstations. Its 140 MSPS
encode rate capability and full power analog bandwidth of 300
MHz sup-ports resolutions up to SXGA (1280 × 1024 at 75 Hz).
The analog interface includes a 140 MHz triple ADC with
internal 1.25 V reference, a phase-locked loop (PLL), program-
mable gain, offset, and clamp control. The user provides only a
3.3 V power supply, analog input, and Hsync. Three-state
CMOS outputs can be powered from 2.2 V to 3.3 V.
The AD9882A’s on-chip PLL generates a pixel clock from
Hsync. Pixel clock output frequencies range from 12 MHz to
140 MHz. PLL clock jitter is typically 500 ps p-p at 140 MSPS.
The AD9882A also offers full sync processing for composite
sync and sync-on-green (SOG) applications.
Digital Interface
The AD9882A contains a DVI 1.0 compatible receiver and
supports display resolutions up to SXGA (1280 × 1024 at
60 Hz). The receiver features an intrapair skew tolerance of up
to one full clock cycle.
With the inclusion of HDCP, displays can now receive
encrypted video content. The AD9882A allows for authentica-
tion of a video receiver, decryption of encoded data at the
receiver, and renewability of that authentication during trans-
mission, as specified by the HDCP v1.0 protocol. It also has
high tolerance of noncompliant HDCP sources.
Fabricated in an advanced CMOS process, the AD9882A is
provided in a space-saving, 100-lead LQFP surface-mount
plastic package and is specified over the 0°C to 70°C
temperature range. It is available in a Pb-free package.


同様の部品番号 - AD9882A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9882A/PCB AD-AD9882A/PCB Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882AKSTZ-100 AD-AD9882AKSTZ-100 Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882AKSTZ-140 AD-AD9882AKSTZ-140 Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
More results

同様の説明 - AD9882A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com