データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9888 データシート(PDF) 8 Page - Analog Devices

部品番号 AD9888
部品情報  100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9888 データシート(HTML) 8 Page - Analog Devices

Back Button AD9888_15 Datasheet HTML 4Page - Analog Devices AD9888_15 Datasheet HTML 5Page - Analog Devices AD9888_15 Datasheet HTML 6Page - Analog Devices AD9888_15 Datasheet HTML 7Page - Analog Devices AD9888_15 Datasheet HTML 8Page - Analog Devices AD9888_15 Datasheet HTML 9Page - Analog Devices AD9888_15 Datasheet HTML 10Page - Analog Devices AD9888_15 Datasheet HTML 11Page - Analog Devices AD9888_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD9888
Data Sheet
Rev. C | Page 8 of 36
Table 3. Complete Pinout List
Pin Type
Mnemonic
Description
Value
Pin No.
Analog Video Inputs
RAIN0
Channel 0 Analog Input for Converter R.
0.0 V to 1.0 V
5
GAIN0
Channel 0 Analog Input for Converter G.
0.0 V to 1.0 V
13
BAIN0
Channel 0 Analog Input for Converter B.
0.0 V to 1.0 V
20
RAIN1
Channel 1 Analog Input for Converter R.
0.0 V to 1.0 V
8
GAIN1
Channel 1 Analog Input for Converter G.
0.0 V to 1.0 V
17
BAIN1
Channel 1 Analog Input for Converter B.
0.0 V to 1.0 V
23
Sync/Clock Inputs
HSYNC0
Channel 0 Horizontal Sync Input.
3.3 V CMOS
45
VSYNC0
Channel 0 Vertical Sync Input.
3.3 V CMOS
44
SOGIN0
Channel 0 Sync-on-Green Input.
0.0 V to 1.0 V
12
HSYNC1
Channel 1 Horizontal Sync Input.
3.3 V CMOS
43
VSYNC1
Channel 1 Vertical Sync Input.
3.3 V CMOS
42
SOGIN1
Channel 1 Sync-on-Green Input.
0.0 V to 1.0 V
16
CLAMP
Clamp Input (external CLAMP signal).
3.3 V CMOS
30
COAST
PLL Coast Signal Input.
3.3 V CMOS
53
CKEXT
External Pixel Clock Input (to bypass the PLL), or 10 k
Ω to ground.
3.3 V CMOS
54
CKINV
ADC Sampling Clock Invert.
3.3 V CMOS
29
Sync Outputs
HSOUT
Horizontal Sync Output Clock (phase-aligned with DATACK).
3.3 V CMOS
125
VSOUT
Vertical Sync Output Clock (phase-aligned with DATACK).
3.3 V CMOS
127
SOGOUT
Sync-on-Green Slicer Output.
3.3 V CMOS
126
Voltage
REF BYPASS
Internal Reference Bypass (bypass with 0.1 μF to ground).
1.25 V ± 10%
2
Clamp Voltages
RMIDSCV
Red Channel Midscale Clamp Voltage Bypass.
9
BMIDSCV
Blue Channel Midscale Clamp Voltage Bypass.
24
PLL Filter
FILT
Connection for External Filter Components for Internal PLL.
50
Power Supply
VD
Analog Power Supply.
3.3 V ± 10%
1, 6, 7, 10,
18, 21, 25,
26, 34, 37
VDD
Output Power Supply.
3.3 V ± 10%
56, 69, 79,
89, 98, 102,
112, 122
PVD
PLL Power Supply.
3.3 V ± 10%
38, 39, 47,
48, 52
GND
Ground.
0 V
3, 4, 11, 15,
19, 22, 27,
28, 35, 36,
40, 41, 46,
49, 51, 55,
65 to 68,
78, 88, 99
to 101,
111, 121,
128
Serial Port
SDA
Serial Port Data I/O.
3.3 V CMOS
31
(2-Wire Serial Interface)
SCL
Serial Port Data Clock.
3.3 V CMOS
32
A0
Serial Port Address Input 1.
3.3 V CMOS
33
Data Outputs
DRA[7:0]
Port A Outputs of Converter Red. Bit 7 is the MSB.
3.3 V CMOS
113 to 120
DRB[7:0]
Port B Outputs of Converter Red. Bit 7 is the MSB.
3.3 V CMOS
103 to 110
DGA[7:0]
Port A Outputs of Converter Green. Bit 7 is the MSB.
3.3 V CMOS
90 to 97
DGB[7:0]
Port B Outputs of Converter Green. Bit 7 is the MSB.
3.3 V CMOS
80 to 87
DBA[7:0]
Port A Outputs of Converter Blue. Bit 7 is the MSB.
3.3 V CMOS
70 to 77
DBB[7:0]
Port B Outputs of Converter Blue. Bit 7 is the MSB.
3.3 V CMOS
57 to 64
Data Clock Output
DATACK
Data Output Clock.
3.3 V CMOS
123
DATACK
Data Output Clock Complement.
3.3 V CMOS
124


同様の部品番号 - AD9888_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9888 AD-AD9888_11 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
More results

同様の説明 - AD9888_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9888 AD-AD9888_11 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884A AD-AD9884A Datasheet
186Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. B
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888 Datasheet
249Kb / 32P
   100/140/170/205 MSPS Analog Flat Panel Interface
REV. A
AD9883A AD-AD9883A Datasheet
229Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9985 AD-AD9985_15 Datasheet
355Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985 AD-AD9985 Datasheet
349Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com