データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9981 データシート(PDF) 6 Page - Analog Devices

部品番号 AD9981
部品情報  High Performance 10-Bit Display Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9981 データシート(HTML) 6 Page - Analog Devices

Back Button AD9981_15 Datasheet HTML 2Page - Analog Devices AD9981_15 Datasheet HTML 3Page - Analog Devices AD9981_15 Datasheet HTML 4Page - Analog Devices AD9981_15 Datasheet HTML 5Page - Analog Devices AD9981_15 Datasheet HTML 6Page - Analog Devices AD9981_15 Datasheet HTML 7Page - Analog Devices AD9981_15 Datasheet HTML 8Page - Analog Devices AD9981_15 Datasheet HTML 9Page - Analog Devices AD9981_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD9981
Rev. 0 | Page 6 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
BAIN0
3
GND
4
BAIN1
7
GND
6
GAIN0
5
VD (3.3V)
1
VD (3.3V)
8
SOGIN0
9
VD (3.3V)
10
GAIN1
12
SOGIN1
13
VD (3.3V)
14
RAIN0
15
GND
16
RAIN1
17
PWRDN
18
REFLO
19
REFCM
20
REFHI
11
GND
59
58
57
54
55
56
60
53
52
BLUE <4>
BLUE <5>
BLUE <6>
BLUE <9>
BLUE <8>
BLUE <7>
BLUE <3>
GND
VDD (3.3V)
51
GREEN <0>
49
GREEN <2>
48
GREEN <3>
47
GREEN <4>
46
GREEN <5>
45
GREEN <6>
44
GREEN <7>
43
GREEN <8>
42
GREEN <9>
41
DAVDD (1.8)
50
GREEN <1>
21 22 23
24
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79
78
77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
PIN 1
AD9981
TOP VIEW
(Not to Scale)
Figure 2. Top View (Pins Down)
Table 3. Complete Pinout List
Pin Type
Mnemonic
Function
Value
Pin No.
Inputs
RAIN0
Channel 0 Analog Input for Converter R
0.0 V to 1.0 V
14
RAIN1
Channel 1 Analog Input for Converter R
0.0 V to 1.0 V
16
GAIN0
Channel 0 Analog Input for Converter G
0.0 V to 1.0 V
6
GAIN1
Channel 1 Analog Input for Converter G
0.0 V to 1.0 V
10
BAIN0
Channel 0 Analog Input for Converter B
0.0 V to 1.0 V
2
BAIN1
Channel 1 Analog Input for Converter B
0.0 V to 1.0 V
4
HSYNC0
Horizontal Sync Input for Channel 0
3.3 V CMOS
70
HSYNC1
Horizontal Sync Input for Channel 1
3.3 V CMOS
68
VSYNC0
Vertical Sync Input for Channel 0
3.3 V CMOS
71
VSYNC1
Vertical Sync Input for Channel 1
3.3 V CMOS
69
SOGIN0
Input for Sync-on-Green Channel 0
0.0 V to 1.0 V
8
SOGIN1
Input for Sync-on-Green Channel 1
0.0 V to 1.0 V
12
EXTCK
External Clock Input
3.3 V CMOS
721
CLAMP
External Clamp Input Signal
3.3 V CMOS
73
COAST
External PLL Coast Signal Input
3.3 V CMOS
72
1
PWRDN
Power-Down Control
3.3 V CMOS
17
Outputs
RED [9:0]
Outputs of Converter R, Bit 9 is the MSB
3.3 V CMOS
28 to 37
GREEN [9:0]
Outputs of Converter G, Bit 9 is the MSB
3.3 V CMOS
42 to 51
BLUE [9:0]
Outputs of Converter B, Bit 9 is the MSB
3.3 V CMOS
54 to 63
DATACK
Data Output Clock
3.3 V CMOS
25


同様の部品番号 - AD9981_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9981/PCB AD-AD9981/PCB Datasheet
972Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981KSTZ-80 AD-AD9981KSTZ-80 Datasheet
972Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981KSTZ-95 AD-AD9981KSTZ-95 Datasheet
972Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
More results

同様の説明 - AD9981_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9984A AD-AD9984A Datasheet
844Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981 Datasheet
972Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980_15 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9983A AD-AD9983A Datasheet
784Kb / 44P
   High Performance 8-Bit Display Interface
Rev. PrA
AD9750 AD-AD9750_15 Datasheet
297Kb / 22P
   10-Bit, 125 MSPS High Performance
REV. 0
logo
Microchip Technology
PIC18CXX2 MICROCHIP-PIC18CXX2_13 Datasheet
4Mb / 304P
   High Performance Microcontrollers with 10-bit A/D
11/29/12 1999-2013
PIC18CXX2 MICROCHIP-PIC18CXX2_01 Datasheet
4Mb / 305P
   High Performance Microcontrollers with 10-bit A/D
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com