データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9985 データシート(PDF) 8 Page - Analog Devices

部品番号 AD9985
部品情報  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9985 データシート(HTML) 8 Page - Analog Devices

Back Button AD9985_15 Datasheet HTML 4Page - Analog Devices AD9985_15 Datasheet HTML 5Page - Analog Devices AD9985_15 Datasheet HTML 6Page - Analog Devices AD9985_15 Datasheet HTML 7Page - Analog Devices AD9985_15 Datasheet HTML 8Page - Analog Devices AD9985_15 Datasheet HTML 9Page - Analog Devices AD9985_15 Datasheet HTML 10Page - Analog Devices AD9985_15 Datasheet HTML 11Page - Analog Devices AD9985_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9985
Rev. 0 | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
80 79 78 77 76
71 70 69 68
75 74 73 72
21 22 23 24 25 26 27 28 29 30 31 32 33
1
2
3
4
5
6
7
8
9
10
11
13
12
60
59
58
57
56
55
54
53
52
51
50
49
48
AD9985
TOP VIEW
(Not to Scale)
GND
GREEN <7>
GREEN <6>
GREEN <5>
GREEN <4>
GREEN <3>
GREEN <2>
GREEN <1>
GREEN <0>
GND
VDD
BLUE <7>
BLUE <6>
GND
VD
REF BYPASS
SDA
SCL
A0
RAIN
GND
VD
VD
GND
SOGIN
GAIN
PIN 1
INDICATOR
14
15
16
17
18
20
19
47
46
45
44
43
42
41
BLUE <5>
BLUE <4>
BLUE <3>
BLUE <2>
BLUE <1>
BLUE <0>
GND
GND
VD
VD
GND
BAIN
VD
GND
64 63 62 61
67 66 65
34 35 36 37 38 39 40
Figure 2. Pin Configuration
Table 4. Complete Pinout List
Pin Type
Mnemonic
Function
Value
Pin No.
Inputs
RAIN
Analog Input for Converter R
0.0 V to 1.0V
54
GAIN
Analog Input for Converter G
0.0 V to 1.0V
48
BAIN
Analog Input for Converter B
0.0 V to 1.0V
43
HSYNC
Horizontal SYNC Input
3.3 V CMOS
30
VSYNC
Vertical SYNC Input
3.3 V CMOS
31
SOGIN
Input for Sync-on-Green
0.0 V to 1.0 V
49
CLAMP
Clamp Input (External CLAMP Signal)
3.3 V CMOS
38
COAST
PLL COAST Signal Input
3.3 V CMOS
29
Outputs
Red [7:0]
Outputs of Converter Red, Bit 7 is the MSB
3.3 V CMOS
70–77
Green [7:0]
Outputs of Converter Green, Bit 7 is the BSB
3.3 V CMOS
2–9
Blue [7:0]
Outputs of Converter Blue, Bit 7 is the BSB
3.3 V CMOS
12–19
DATACK
Data Output Clock
3.3 V CMOS
67
HSOUT
HSYNC Output (Phase-Aligned with DATACK)
3.3 V CMOS
66
VSOUT
VSYNC Output (Phase-Aligned with DATACK)
3.3 V CMOS
64
SOGOUT
Sync-on-Green Slicer Output
3.3 V CMOS
65
References
REF BYPASS
Internal Reference Bypass
1.25 V
58
MIDSCV
Internal Midscale Voltage Bypass
37
FILT
Connection for External Filter Components
for Internal PLL
33
Power Supply
VD
Analog Power Supply
3.3 V
39, 42, 45, 46, 51, 52, 59, 62
VDD
Output Power Supply
3.3 V
11, 22, 23, 69, 78, 79
PVD
PLL Power Supply
3.3 V
26, 27, 34, 35
GND
Ground
0 V
1, 10, 20, 21, 24, 25, 28, 32, 36, 40, 41,
44, 47, 50, 53, 60, 61, 63, 68, 80
Control
SDA
Serial Port Data I/O
3.3 V CMOS
57
SCL
Serial Port Data Clock (100 kHz Maximum
3.3 V CMOS
56
A0
Serial Port Address Input 1
3.3 V CMOS
55


同様の部品番号 - AD9985_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9985/PCB AD-AD9985/PCB Datasheet
349Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A/PCB AD-AD9985A/PCB Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985ABSTZ-110 AD-AD9985ABSTZ-110 Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985AKSTZ-110 AD-AD9985AKSTZ-110 Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
More results

同様の説明 - AD9985_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9883A AD-AD9883A Datasheet
229Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9883A AD-AD9883A_15 Datasheet
235Kb / 28P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. B
AD9985A AD-AD9985A Datasheet
628Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985A AD-AD9985A_15 Datasheet
629Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9985 AD-AD9985 Datasheet
349Kb / 32P
   110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9884A AD-AD9884A_15 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9884A AD-AD9884A Datasheet
186Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. B
AD9884AKSZ-140 AD-AD9884AKSZ-140 Datasheet
220Kb / 24P
   100 MSPS/140 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888_15 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com