データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD10678 データシート(PDF) 4 Page - Analog Devices

部品番号 AD10678
部品情報  16-Bit, 80 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD10678 データシート(HTML) 4 Page - Analog Devices

  AD10678_15 Datasheet HTML 1Page - Analog Devices AD10678_15 Datasheet HTML 2Page - Analog Devices AD10678_15 Datasheet HTML 3Page - Analog Devices AD10678_15 Datasheet HTML 4Page - Analog Devices AD10678_15 Datasheet HTML 5Page - Analog Devices AD10678_15 Datasheet HTML 6Page - Analog Devices AD10678_15 Datasheet HTML 7Page - Analog Devices AD10678_15 Datasheet HTML 8Page - Analog Devices AD10678_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD10678
Rev. C | Page 4 of 20
AC SPECIFICATIONS
AVCC = 5 V, EVCC = 3.3 V, VDD = 3.3 V, TA = 25°C, differential encode = 80 MSPS, CLOAD ≤ 10 pF, unless otherwise noted.
Table 3.
Parameter
Test Level
Min
Typ
Max
Unit
SNR1
Analog Input
2.5 MHz
I
77.5
80.5
dBFS
@ −6 dBFS
10 MHz
I
77.5
80.5
dBFS
30 MHz
I
77
80.2
dBFS
70 MHz
I
76
78
dBFS
SINAD2
Analog Input
2.5 MHz
I
77.2
80.3
dBFS
@ −6 dBFS
10 MHz
I
77.2
80.3
dBFS
30 MHz
I
76.6
79.7
dBFS
70 MHz
I
74.7
77.4
dBFS
SFDR3
Analog Input
2.5 MHz
I
88
97.2
dBFS
@ −6 dBFS
10 MHz
I
88
97.2
dBFS
30 MHz
I
84
94.2
dBFS
70 MHz
I
81
91.7
dBFS
TWO-TONE4
Analog Input
@ −7 dBFS IMD
f1 = 10 MHz, f2 = 12 MHz
V
96
dBFS
f1 = 70 MHz, f2 = 72 MHz
V
84
dBFS
1 Analog input signal power at −6 dBFS; signal-to-noise (SNR) is the ratio of signal level to total noise (first five harmonics removed). Encode = 80 MSPS. SNR is reported
in dBFS, related back to converter full scale.
2 Analog input signal power at −6 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. Encode = 80 MSPS. SINAD is
reported in dBFS, related back to converter full scale.
3 Analog input signal equals −6 dBFS; SFDR is the ratio of the converter full scale to the worst spur.
4 Both input tones at −7 dBFS; two-tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst third-order intermodulation product.


同様の部品番号 - AD10678_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD10678/PCB AD-AD10678/PCB Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
AD10678BWS AD-AD10678BWS Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
AD10678PCB AD-AD10678PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

同様の説明 - AD10678_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD10678 AD-AD10678 Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
   14-Bit, 80 MSPS, A/D Converter
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Analog Devices
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com