データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD12400 データシート(PDF) 1 Page - Analog Devices

部品番号 AD12400
部品情報  12-Bit, 400 MSPS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD12400 データシート(HTML) 1 Page - Analog Devices

  AD12400_15 Datasheet HTML 1Page - Analog Devices AD12400_15 Datasheet HTML 2Page - Analog Devices AD12400_15 Datasheet HTML 3Page - Analog Devices AD12400_15 Datasheet HTML 4Page - Analog Devices AD12400_15 Datasheet HTML 5Page - Analog Devices AD12400_15 Datasheet HTML 6Page - Analog Devices AD12400_15 Datasheet HTML 7Page - Analog Devices AD12400_15 Datasheet HTML 8Page - Analog Devices AD12400_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
12-Bit, 400 MSPS A/D Converter
AD12400
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
400 MSPS sample rate
SNR of 63 dBFS @128 MHz
SFDR of 70 dBFS @128 MHz
VSWR of 1:1.5
Wideband ac-coupled input signal conditioning
Enhanced spurious-free dynamic range
Single-ended or differential encode signal
LVDS output levels
Twos complement output data
APPLICATIONS
Communications test equipment
Radar and satellite subsystems
Phased array antennas—digital beam
Multichannel, multimode receivers
Secure communications
Wireless and wired broadband communications
Wideband carrier frequency systems
GENERAL DESCRIPTION
The AD12400 is a 12-bit analog-to-digital converter (ADC)
with a transformer-coupled analog input and digital post-
processing for enhanced SFDR. The product operates at a 400
MSPS conversion rate with outstanding dynamic performance
in wideband carrier systems.
The AD12400 requires 3.8 V analog, 3.3 V digital, and 1.5 V
digital supplies, and provides a flexible encode signal that can
be differential or single-ended. No external reference is
required.
The AD12400 package style is an enclosed 2.9" × 2.6" × 0.6"
module. Performance is rated over a 0°C to 60°C case
temperature range.
FUNCTIONAL BLOCK DIAGRAM
ADC
A
DATA
READY
A
DATA
READY
B
DA0–DA11
DB0–DB11
CLK DISTRIBUTION
AD12400
POST-
PROCESSING
ADC
B
AIN
CLOCK DISTRIBUTION
DIVIDE BY 2
ENC
ENC
Figure 1.
PRODUCT HIGHLIGHTS
1.
Guaranteed sample rate of 400 MSPS.
2.
Input signal conditioning with optimized dynamic
performance to 180 MHz.
3.
Additional performance options available; contact factory.
4.
Proprietary Advanced Filter Bank (AFB™) digital
postprocessing from V Corp Technologies, Inc.


同様の部品番号 - AD12400_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD12400/KIT AD-AD12400/KIT Datasheet
403Kb / 28P
   12-Bit 400 MSPS A/D Converter
REV. 0
AD12400JWS AD-AD12400JWS Datasheet
403Kb / 28P
   12-Bit 400 MSPS A/D Converter
REV. 0
AD12400KWS AD-AD12400KWS Datasheet
403Kb / 28P
   12-Bit 400 MSPS A/D Converter
REV. 0
More results

同様の説明 - AD12400_15

メーカー部品番号データシート部品情報
logo
Analog Devices
AD12401 AD-AD12401 Datasheet
812Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12401 AD-AD12401_15 Datasheet
813Kb / 28P
   12-Bit, 400 MSPS A/D Converter
REV. A
AD12400 AD-AD12400 Datasheet
403Kb / 28P
   12-Bit 400 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
   12-Bit, 10 MSPS A/D Converter
logo
Analog Devices
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
   12-Bit, 10 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
   12-Bit, 5 MSPS A/D Converter
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
   12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com